Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP594.. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSOP594..
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP594.. Datasheet(HTML) 4 Page - Vishay Siliconix

  TSOP594.. Datasheet HTML 1Page - Vishay Siliconix TSOP594.. Datasheet HTML 2Page - Vishay Siliconix TSOP594.. Datasheet HTML 3Page - Vishay Siliconix TSOP594.. Datasheet HTML 4Page - Vishay Siliconix TSOP594.. Datasheet HTML 5Page - Vishay Siliconix TSOP594.. Datasheet HTML 6Page - Vishay Siliconix TSOP594.. Datasheet HTML 7Page - Vishay Siliconix TSOP594.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TSOP592.., TSOP594..
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 02-Aug-2021
4
Document Number: 82779
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Sensitivity vs. Supply Voltage Disturbances
Fig. 8 - Max. Envelope Duty Cycle vs. Burst Length
Fig. 9 - Sensitivity vs. Ambient Temperature
Fig. 10 - Relative Spectral Sensitivity vs. Wavelength
Fig. 11 - Horizontal Directivity
Fig. 12 - Vertical Directivity
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
1000
ΔVs
RMS
- AC Voltage on DC Supply Voltage (mV)
f = f
0
f = 20 kHz
f = 30 kHz
f = 100 Hz
f = 10 kHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
20
40
60
80
100
120
Burst Length (Number of Cycles/Burst)
f = 38 kHz, E
e = 2 mW/m²
TSOP592..
TSOP594..
Tamb - Ambient Temperature (°C)
0
0.05
0.10
0.15
0.20
0.40
-30
-10
10
30
50
70
90
0.30
0.25
0.35
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
750
850
950
1050
1150
Axis Title
λ - Wavelength (nm)
21425
d
rel - Relative Transmission Distance
0.6
80°
0°
0.7
0.4
0.2
0
30°
70°
60°
50°
40°
10°
20°
1.0
0.9
0.8
d
rel - Relative Transmission Distance
0.6
80°
0°
0.7
0.4
0.2
0
30°
70°
60°
50°
40°
10°
20°
1.0
0.9
0.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com