Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP594.. Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TSOP594..
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP594.. Datasheet(HTML) 7 Page - Vishay Siliconix

  TSOP594.. Datasheet HTML 1Page - Vishay Siliconix TSOP594.. Datasheet HTML 2Page - Vishay Siliconix TSOP594.. Datasheet HTML 3Page - Vishay Siliconix TSOP594.. Datasheet HTML 4Page - Vishay Siliconix TSOP594.. Datasheet HTML 5Page - Vishay Siliconix TSOP594.. Datasheet HTML 6Page - Vishay Siliconix TSOP594.. Datasheet HTML 7Page - Vishay Siliconix TSOP594.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TSOP592.., TSOP594..
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 02-Aug-2021
7
Document Number: 82779
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
BULK PACKAGING
Standard shipping for TVCast is in conductive plastic bags. The packing quantity is determined by weight and the number of
components per carton may vary by a maximum of ± 0.3 %.
ORDERING INFORMATION
Note
• d = “digit”, please consult the list of available devices create a valid part number
Example: TSOP59438
PACKAGING QUANTITY
• 400 pieces per bag (each bag is individually boxed)
• 6 bags per carton
T
S
P
d
ddd
d
O = receiver
S = sensor
IC and
package type
AGC
Frequency
Drawing-No.: GO-100220.01-4_Rev03_1
issue H: 18.03.16
Not indicated tolerances ± 0.2
Technical drawings
according to DIN
specification.
(4 x)
(3.05)
Area not plane
6.8
5.9
R1.5
R1.5
0.5
R1.5
(1.6)
2.6
0.9
Marking area
2.6
(1)
(4 x)
(Ø 0.75)
1.15
0.4 ± 0.1
0.6 max.
1.27 nom.
1.27 nom.
GND
GND
Out
V
S
3 x 1.27 = 3.81
Proposed hole layout
from component side
(for reference only)
(1.27)
(1.27)
(1.27)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com