Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-13DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # LP2985-13DBVR
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-13DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2985-13DBVR Datasheet HTML 7Page - Texas Instruments LP2985-13DBVR Datasheet HTML 8Page - Texas Instruments LP2985-13DBVR Datasheet HTML 9Page - Texas Instruments LP2985-13DBVR Datasheet HTML 10Page - Texas Instruments LP2985-13DBVR Datasheet HTML 11Page - Texas Instruments LP2985-13DBVR Datasheet HTML 12Page - Texas Instruments LP2985-13DBVR Datasheet HTML 13Page - Texas Instruments LP2985-13DBVR Datasheet HTML 14Page - Texas Instruments LP2985-13DBVR Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
WAFER CHIP SCALE INFORMATION
LP2985x-xxYEU NanoStar (0.30-mm Bump)
LP2985x-xxYZU NanoFree (0.30-mm Pb-Free Bump)
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. NanoStar package configuration
D. This package is tin-lead (SnPb), consult the factory for availability of lead-free material.
1,287
1,337
Pin A1 Index Area
0,35
0,25
0,30
0,20
987
1,037
0,75 Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com