Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985-13DBVR Datasheet(PDF) 2 Page - Texas Instruments

Part # LP2985-13DBVR
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-13DBVR Datasheet(HTML) 2 Page - Texas Instruments

  LP2985-13DBVR Datasheet HTML 1Page - Texas Instruments LP2985-13DBVR Datasheet HTML 2Page - Texas Instruments LP2985-13DBVR Datasheet HTML 3Page - Texas Instruments LP2985-13DBVR Datasheet HTML 4Page - Texas Instruments LP2985-13DBVR Datasheet HTML 5Page - Texas Instruments LP2985-13DBVR Datasheet HTML 6Page - Texas Instruments LP2985-13DBVR Datasheet HTML 7Page - Texas Instruments LP2985-13DBVR Datasheet HTML 8Page - Texas Instruments LP2985-13DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
• Low noise: The BYPASS pin allows for low noise operation, with a typical output noise of 30 µV (RMS)
with the use of a 10-nF bypass capacitor.
• Small packaging: For the most space-constraint needs, the regulator is available in SOT-23 package,
as well as NanoStar
 wafer chip scale packaging, offering an even smaller size with improved thermal
and electrical characteristics. NanoStar package technology is a major breakthrough in IC packaging
concepts, using the die as the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com