Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73855IMF Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP73855IMF
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73855IMF Datasheet(HTML) 3 Page - Microchip Technology

  MCP73855IMF Datasheet HTML 1Page - Microchip Technology MCP73855IMF Datasheet HTML 2Page - Microchip Technology MCP73855IMF Datasheet HTML 3Page - Microchip Technology MCP73855IMF Datasheet HTML 4Page - Microchip Technology MCP73855IMF Datasheet HTML 5Page - Microchip Technology MCP73855IMF Datasheet HTML 6Page - Microchip Technology MCP73855IMF Datasheet HTML 7Page - Microchip Technology MCP73855IMF Datasheet HTML 8Page - Microchip Technology MCP73855IMF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2004 Microchip Technology Inc.
DS21915A-page 3
MCP73853/55
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
VDD1,2...............................................................................6.5V
All Inputs and Outputs w.r.t. VSS ..............-0.3 to (VDD + 0.3)V
Maximum Junction Temperature, TJ ............ Internally Limited
Storage temperature .....................................-65°C to +150°C
ESD protection on all pins:
Human Body Model (1.5kW in Series with 100pF)
....≥ 4 kV
Machine Model (200pF, No Series Resistance) ..........400V
*Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG(Typ) + 0.3V] to 5.5V,
TA = -40°C to 85°C. Typical values are at +25°C, VDD = [VREG (Typ) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Input
Supply Voltage
VDD
4.5
—
5.5
V
Supply Current
ISS
—
0.28
4
µA
Disabled
—
0.83
4
mA
Operating
UVLO Start Threshold
VSTART
4.25
4.45
4.65
V
VDD Low-to-High
UVLO Stop Threshold
VSTOP
4.20
4.40
4.55
V
VDD High-to-Low
Voltage Regulation (Constant-Voltage Mode)
Regulated Output Voltage
VREG
4.079
4.1
4.121
V
VSET = VSS
4.179
4.2
4.221
V
VSET = VDD
VDD = [VREG(Typ) + 1V],
IOUT =10 mA, TA = -5°C to +55°C
Line Regulation
|(∆V
BAT/
VBAT)| /∆VDD
—
0.020
0.25
%/V VDD = [VREG(Typ) + 1V] to 5.5V
IOUT = 10 mA
Load Regulation
|∆V
BAT/VBAT|—
0.022
0.25
%
IOUT = 10 mA to 150 mA
VDD = [VREG(Typ) + 1V]
Supply Ripple Attenuation
PSRR
—50
—
dB
IOUT = 10 mA, 10 Hz to 1 kHz
—26
—
dB
IOUT = 10 mA, 10 Hz to 10 kHz
—24
—
dB
IOUT = 10 mA, 10 Hz to 1 MHz
Output Reverse-Leakage
Current
IDISCHARGE
—0.24
1
µA
VDD < VBAT = VREG(Typ)
Current Regulation (Fast Charge Constant-Current Mode)
Fast Charge Current
Regulation
IREG
70
85
100
mA
PROG = OPEN
325
400
475
mA
PROG = VSS
TA = -5°C to +55°C
Preconditioning Current Regulation (Trickle Charge Constant-Current Mode)
Precondition Current
Regulation
IPREG
5
9
15
mA
PROG = OPEN
25
40
75
mA
PROG = VSS
TA = -5°C to +55°C
Precondition Threshold
Voltage
VPTH
2.70
2.80
2.90
V
VSET = VSS
2.75
2.85
2.95
V
VSET = VDD
VBAT Low-to-High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com