Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73855IMF Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP73855IMF
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73855IMF Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP73855IMF Datasheet HTML 5Page - Microchip Technology MCP73855IMF Datasheet HTML 6Page - Microchip Technology MCP73855IMF Datasheet HTML 7Page - Microchip Technology MCP73855IMF Datasheet HTML 8Page - Microchip Technology MCP73855IMF Datasheet HTML 9Page - Microchip Technology MCP73855IMF Datasheet HTML 10Page - Microchip Technology MCP73855IMF Datasheet HTML 11Page - Microchip Technology MCP73855IMF Datasheet HTML 12Page - Microchip Technology MCP73855IMF Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2004 Microchip Technology Inc.
DS21915A-page 9
MCP73853/55
2.0
TYPICAL PERFORMANCE CURVES (CONT)
NOTE: Unless otherwise indicated, VDD = [VREG(Typ) + 1V], IOUT = 10 mA, and TA= +25°C.
FIGURE 2-19:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
FIGURE 2-20:
Charge Current (IOUT) vs.
Ambient Temperature (TA).
0
100
200
300
400
500
OPEN
4.8K
1.6K
536
0
R
PROG (Ω)
VSET = VDD
250
255
260
265
270
275
280
285
290
295
300
TA (°C)
VSET = VDD
RPROG = 1.6 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com