Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4006F9WS21 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM4006F9WS21
Description  13.56 MHz 64 Data bit Read Only Contactless Identification Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4006F9WS21 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM4006F9WS21 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 10Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EM4006
Copyright
 2001, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
Ordering Information
Die Form
This chart shows general offering; for detailed Part Number to order, please see the table “Standard Versions” below.
EM4006
-
Version:
Customer Version:
F9 = Miller, 512 clocks per bit
%%% = only for custom specific version
Die form:
Bumping:
WW = Wafer
" " (blank) = no bumps
WS = Sawn Wafer/Frame
E = with Gold Bumps
WT = Sticky Tape
WP = Waffle Pack (note 1)
Thickness:
7 = 7 mils (178um)
11 = 11 mils (280um)
21 = 21 mils (533um)
%%%
F9 WS 11
Packaged Devices
This chart shows general offering; for detailed Part Number to order, please see the table “Standard Versions” below.
Remarks:
•
For ordering please use table of “Standard Version” table below.
•
For specifications of Delivery Form, including gold bumps, tape and bulk, as well as possible other delivery form or
packages, please contact EM Microelectronic-Marin S.A.
•
Note 1:
This is a non-standard package. Please contact EM Microelectronic-Marin S.A for availability.
Standard Versions:
The versions below are considered standards and should be readily available. For other versions or other delivery form,
please contact EM Microelectronic-Marin S.A. Please make sure to give complete part number when ordering (without
space between letters).
Part Number
Bit
coding
Cycle/
bit
Package/Die Form
Delivery
Form /
For EM internal use
only
Bumping
old version
OPS#
EM4006 F9 CB2RC
Miller
512
PCB Package, 2 pins
bulk
501
2878
EM4006 F9 CI2LC
Miller
512
CID package, 2 pins (length 2.5mm)
bulk
501
2930
EM4006 F9 WP7
Miller
512
Die in waffle pack, 7 mils
no bumps
501
3669
EM4006 F9 YYY-%%%
Miller
512
custom
custom
%%%
Product Support
Check our Web Site under Products/RF Identification section.
Questions can be sent to cid@emmicroelectronic.com
© EM Microelectronic-Marin SA, 01/02, Rev. C/404
EM Microelectronic-Marin SA cannot assume responsibility for use of any circuitry described other than circuitry
entirely embodied in an EM Microelectronic-Marin SA product. EM Microelectronic-Marin SA reserves the right to
change the circuitry and specifications without notice at any time. You are strongly urged to ensure that the
information given has not been superseded by a more up-to-date version.
EM4006
-
Version:
Customer Version:
F9 = Miller, 512 clocks per bit
%%% = only for custom specific version
Package:
Delivery Form:
CI2L = CID Pack, 2 pins (length 2.5mm)
B = Tape
CB2R = PCB Package, 2 pins
C = Bulk
F9 CI2L C
%%%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com