Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4006F9WS21 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM4006F9WS21
Description  13.56 MHz 64 Data bit Read Only Contactless Identification Device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4006F9WS21 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM4006F9WS21 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4006F9WS21 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EM4006
Copyright
 2001, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Electrical Characteristics
VDD = 2V, VSS = 0V, fC1 = 13.56MHz sine wave, VC1 = 1.0Vpp centered at (VDD - VSS)/2, Ta = 25°C
unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VDD
1.9
(note 1)
V
Supply current
IDD
60
150
µA
Rectifier Voltage Drop
VREC
IC1C2 = 1mA, modulator switch on
VREC = (VC1-VC2) - (VDD - VSS)
1.8
V
Modulator ON DC voltage
drop (note 2)
VON1
VON2
IVDD VSS = 1mA
IVDD VSS = 10mA
1.9
2.4
2.3
2.8
2.8
3.3
V
V
Power on reset (note 3)
VR
VR - VMIN
1.2
0.1
1.4
0.25
1.7
0.5
V
V
Coil1 - Coil2 Capacitance
CRES
Vcoil=100mVRMS
f=10kHz
92.6
94.5
96.4
pF
Series resistance of CRES
RS
3
Ω
Power Supply Capacitor
Csup
140
pF
Note 1: Maximum voltage is defined by forcing 10 mA on C1 - C2
Note 2: Measured between VDD and VSS
Note 3: According to Figure 7
Block Diagram
Fig. 4
Clock extractor
Divider Chain
Sequencer
Miller Code
Generator
Power
on
Reset
LASER
ROM
Modulator
HF Rectifier
Power Management
V
DD
V
SS
C
SUP
+
AC2
AC1
-
C
RES
C
1
C
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com