Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6905CS5-80 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6905CS5-80
Description  Fixed Frequency SOT-23 Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905CS5-80 Datasheet(HTML) 1 Page - Linear Technology

  LTC6905CS5-80 Datasheet HTML 1Page - Linear Technology LTC6905CS5-80 Datasheet HTML 2Page - Linear Technology LTC6905CS5-80 Datasheet HTML 3Page - Linear Technology LTC6905CS5-80 Datasheet HTML 4Page - Linear Technology LTC6905CS5-80 Datasheet HTML 5Page - Linear Technology LTC6905CS5-80 Datasheet HTML 6Page - Linear Technology LTC6905CS5-80 Datasheet HTML 7Page - Linear Technology LTC6905CS5-80 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC6905-XXX Series
1
6905xf
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ No External Components to Set Frequency
■ Frequency Error ±0.5% Typical
■ Fast Start-Up Time: 100µs Typical
■ ±20ppm/°C Temperature Stability
■ Output Enable Provided
■ Includes Divide by 1, 2 or 4
■ Rise Time: 0.5ns, CL = 5pF
■ Timing Jitter: <0.8% Typical
■ 50% ±2.5% Duty Cycle
■ IS = 8mA Typical (fOSC = 100MHz, CL = 5pF)
■ CMOS Output Drives 600Ω Load
■ Single Supply 2.7V to 5.5V
■ Low Profile (1mm) ThinSOT
TM Package
Fixed Frequency
SOT-23 Oscillator
■ Data Clocks for High Reliability Applications
■ High Vibration, High Acceleration Environments
■ Replacement for Fixed Crystal and Ceramic
Oscillators
The LTC
®6905-XXX series of parts are precision, fixed
frequency, silicon oscillators designed to minimize board
space while maximizing accuracy and ease of use.
Programmed at the factory to a fixed frequency, the
LTC6905-XXX series of parts need no external trim com-
ponents. An internal three-state divider allows for division
of the master clock by 1, 2 or 4, providing 3 frequencies
(for each device).
The LTC6905-XXX series operate with a single 2.7V to
5.5V power supply and provide a rail-to-rail, 50% duty
cycle, square wave output. The OE pin will disable the
output when brought low and synchronously enable the
output when brought high, avoiding pulse slivers.
The four products of the LTC6905-XXX family are:
LTC6905-133: fOSC = 133MHz, 66.7MHz, 33.3MHz
LTC6905-100: fOSC = 100MHz, 50MHz, 25MHz
LTC6905-96: fOSC = 96MHz, 48MHz, 24MHz
LTC6905-80: fOSC = 80MHz, 40MHz, 20MHz
The LTC6905-XXX series of parts are designed with a factory
trim option to modify the divider ratios from 1, 2, 4 to 8, 16,
32. A second trim option allows for additional master clock
frequencies. For the alternate divider ratios and unlisted
frequencies, contact LTC marketing.
Basic Connection
Typical Distribution of Frequency Error, TA = 25°C
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6614313, 6342817.
V+
1
2
3
5
fOSC = 133MHz
3V
3V
0.1µF
6905x TA01
4
GND
LTC6905-133
OE
OUT
DIV
OPEN
÷2
÷1
÷4
% FREQUENCY ERROR
–1
0
10
20
30
40
VS = 3V
–0.5
0.0
0.5
6905x TA02
1


Similar Part No. - LTC6905CS5-80

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6905CS5 LINER-LTC6905CS5 Datasheet
119Kb / 8P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
More results

Similar Description - LTC6905CS5-80

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H Datasheet
38Kb / 1P
Fixed Frequency Crystal Oscillator
PO320 VANLONG-PO320 Datasheet
37Kb / 1P
Fixed Frequency Crystal Oscillator
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
Fixed Frequency Crystal Oscillator
logo
Guilin Strong Micro-Ele...
GM3356 GSME-GM3356 Datasheet
282Kb / 3P
SOT-23
GM3838 GSME-GM3838 Datasheet
294Kb / 3P
SOT-23
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F_13 Datasheet
46Kb / 1P
Fixed Frequency Crystal Oscillator
PO300H VANLONG-PO300H_13 Datasheet
45Kb / 1P
Fixed Frequency Crystal Oscillator
PO320 VANLONG-PO320_13 Datasheet
46Kb / 1P
Fixed Frequency Crystal oscillator
logo
Crystek Corporation
CVCO33CX-2500-2500 CRYSTEKCRYSTAL-CVCO33CX-2500-2500 Datasheet
91Kb / 2P
Fixed Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com