Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6905CS5-80 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6905CS5-80
Description  Fixed Frequency SOT-23 Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905CS5-80 Datasheet(HTML) 2 Page - Linear Technology

  LTC6905CS5-80 Datasheet HTML 1Page - Linear Technology LTC6905CS5-80 Datasheet HTML 2Page - Linear Technology LTC6905CS5-80 Datasheet HTML 3Page - Linear Technology LTC6905CS5-80 Datasheet HTML 4Page - Linear Technology LTC6905CS5-80 Datasheet HTML 5Page - Linear Technology LTC6905CS5-80 Datasheet HTML 6Page - Linear Technology LTC6905CS5-80 Datasheet HTML 7Page - Linear Technology LTC6905CS5-80 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC6905-XXX Series
2
6905xf
Supply Voltage (V+) to GND ........................– 0.3V to 6V
DIV to GND .................................... – 0.3V to (V+ + 0.3V)
OE to GND ..................................... – 0.3V to (V+ + 0.3V)
Output Short-Circuit Duration (Note 6) ........... Indefinite
Operating Temperature Range (Note 8)
LTC6905C .......................................... – 40°C to 85°C
LTC6905I ............................................ – 40°C to 85°C
LTC6905H ........................................ – 40°C to 125°C
Specified Temperature Range (Note 8)
LTC6905C ............................................... 0°C to 70°C
LTC6905I ............................................ – 40°C to 85°C
LTC6905H ........................................ – 40°C to 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART NUMBER
TJMAX = 125°C, θJA = 150°C/W
LTC6905CS5-133
LTC6905IS5-133
LTC6905HS5-133
LTC6905CS5-100
LTC6905IS5-100
LTC6905HS5-100
LTC6905CS5-96
LTC6905IS5-96
LTC6905HS5-96
LTC6905CS5-80
LTC6905IS5-80
LTC6905HS5-80
(Note 1)
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
1
2
3
V+
GND
OE
5
4
OUT
DIV
S5 PART MARKING*
LTBPM
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
*The temperature grade is identified by a label on the shipping container.
The
● denotes the specifications which apply over the full specified
temperature range, otherwise specifications are at TA = 25°C or as noted. OE = DIV = V+, V+ = 2.7V to 3.6V, RL = 15k, CL = 5pF, unless
otherwise noted. All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆f
Frequency Accuracy (Notes 2, 7)
LTC6905C-XXX
TA = 25°C, V+ = 3V
±0.5
±1.0
%
0°C < TA < 70°C
●
±1.5
%
LTC6905I-XXX
25°C < TA < 85°C
±1.8
%
–40°C < TA < 85°C
●
±2.9
%
LTC6905H-XXX
25°C < TA < 125°C
±2.3
%
–40°C < TA < 125°C
●
±2.9
%
V+ = 5V
±1.5
%
∆f/∆T
Freq Drift Over Temp (Note 2)
●
±20
ppm/°C
∆f/∆V
Freq Drift Over Supply (Notes 2, 7)
V+ = 2.7V to 3.6V
0.5
%/V
Timing Jitter (Note 3)
0.8
%
Long-Term Stability of Output Frequency
300
ppm/√kHr
Duty Cycle
●
47.5
50
52.5
%
V+
Operating Supply Range
●
2.7
5.5
V
ELECTRICAL CHARACTERISTICS
LTBPK
LTBPJ
LTBPH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com