| Electronic Components Datasheet Search |
|
PCM4L Datasheet(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PCM4L Datasheet(HTML) 16 Page - Renesas Technology Corp |
|
16 / 38 page ![]() R31DS0087EU0101 Rev.1.01 Page 16 Sep.28.21 pcm4l Datasheet Figure 4. State Machine Diagram 2.4.1 Operational States There are six states in the LOSM: ▪ Unqualified – Nothing is asserted about the quality of the Local PTP Clock in this state. The LOSM starts in the state and enters on expiration of unqualified timer, unqualifiedTimeoutSeconds, when in the Holdover state. ▪ Lock Acquisition – At least one qualified reference is present prior to reaching the frequency locked state. ▪ Frequency Locked – The output clock is syntonized to an input reference within the user specified threshold, frequencyLockThresholdPpb. ▪ Time Locked – The output clock is phase/time synchronized to an input reference within the user specified threshold, timeLockThresholdNanoseconds. ▪ Holdover In-Specification – The RTS has lost its reference with no other qualified references available and uses the stored data acquired in Locked mode to control its output clock. After entering holdover-in-spec, the accuracy of its output depends on the Local PTP Clock (i.e., from physical layer assistance (SyncE traceable to PRC) or local XO). ▪ Holdover Out-Of-Specification – The Holdover timer, holdoverTimeoutSeconds, has expired. After entering holdover-out-of-spec, the accuracy of the PTP output depends on the Local PTP Clock and its time traceability is lost. 2.4.2 Lock Acquisition Qualification Timeout Once a best master is selected, the LOSM will enter the lock acquisition state, start the lock acquisition qualification timer, and attempt to lock to the master. If the lock acquisition qualification timer expires before frequency lock can be achieved then this master will be considered unusable and will be locked out. Initial FreeRun/ Unqualified Initialization Lock Acquisition Holdover Frequency Locked Reference Acquired Time Locked Reference Lost (unqualified holdover) Reference Lost (qualified holdover) Holdover duration exceeded Frequency Lock Succeeded Reference Acquired (not locked) Time Lock Succeeded Reference Lost (qualified holdover) PTP Reference Lost (unqualified holdover) and GNSS not Locked Time Lock L ost Reference Lost (qualified holdover) Reference Acquired (locked) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |