Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER11 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER11
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER11 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER11 Datasheet HTML 4Page - STMicroelectronics VIPER11 Datasheet HTML 5Page - STMicroelectronics VIPER11 Datasheet HTML 6Page - STMicroelectronics VIPER11 Datasheet HTML 7Page - STMicroelectronics VIPER11 Datasheet HTML 8Page - STMicroelectronics VIPER11 Datasheet HTML 9Page - STMicroelectronics VIPER11 Datasheet HTML 10Page - STMicroelectronics VIPER11 Datasheet HTML 11Page - STMicroelectronics VIPER11 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Electrical characteristics
VIPer11
8/37
DS11873 Rev 5
3
Electrical characteristics
Tj = -40 to 125 °C, VCC = 9 V (unless otherwise specified).
Table 5. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBVDSS Breakdown voltage
IDRAIN = 1 mA
VCOMP = GND
TJ = 25 °C
800
-
-
V
IDSS
Drain-source leakage current
VDS = 400 V
VCOMP = GND
TJ = 25 °C
--
1
μA
IOFF
OFF-state drain current
VDRAIN = max. rating
VCOMP = GND
TJ = 25 °C
--
45
RDS(on) Static drain-source ON-resistance
IDRAIN = 295 mA
TJ = 25 °C
--
17
IDRAIN = 295 mA
TJ = 125 °C
--
34
Table 6. Supply section
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
High voltage start-up current source
VBVDSS_SU
Breakdown voltage of start-up
MOSFET
TJ = 25 °C
800
-
-
V
VHV_START Drain-source start-up voltage
-
-
-
26
V
RG
Start-up resistor
VFB > VFB_REF
VDRAIN = 400 V
VDRAIN = 600 V
28
34
40
M
ICH1
VCC charging current at
startup
VDRAIN = 100 V
VCC = 0 V
0.7
1
1.3
mA
ICH2
VCC charging current at
startup
VFB > VFFB_REF
VDRAIN = 100 V
VCC = 6 V
234
ICH3(1)
Max. VCC charging current in
self-supply
VFB > VFB_REF
VDRAIN = 100 V
VCC = 6 V
6.5
7.5
8.5
IC supply and consumptions
VCC
Operating voltage range
VGND = 0 V
4.5
-
30
V
VCCclamp Clamp voltage
ICC = Iclamp_max
30
32.5
35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com