Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER11 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER11
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER11 Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER11 Datasheet HTML 1Page - STMicroelectronics VIPER11 Datasheet HTML 2Page - STMicroelectronics VIPER11 Datasheet HTML 3Page - STMicroelectronics VIPER11 Datasheet HTML 4Page - STMicroelectronics VIPER11 Datasheet HTML 5Page - STMicroelectronics VIPER11 Datasheet HTML 6Page - STMicroelectronics VIPER11 Datasheet HTML 7Page - STMicroelectronics VIPER11 Datasheet HTML 8Page - STMicroelectronics VIPER11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
This is information on a product in full production.
April 2020
DS11873 Rev 5
1/37
VIPer11
Energy saving offline high voltage converter
Datasheet
- production data
Features
 800 V avalanche-rugged power MOSFET
allowing ultra wide VAC input range to be
covered
 Embedded HV startup and sense-FET
 Current mode PWM controller
 Drain current limit protection
– 370 mA (VIPER113)
– 480 mA (VIPER114)
– 590 mA (VIPER115)
 Wide supply voltage range: 4.5 V to 30 V
 Minimized system input power consumption:
– Less than 10 mW at 230 VAC in no-load
condition
– Less than 400 mW at 230 VAC with 250
mW load
 Jittered switching frequency reduces the EMI
filter cost:
– 30 kHz ± 7% (type X)
– 60 kHz ± 7% (type L)
– 120kHz ± 7%(type H)
 Embedded E/A with 1.2 V reference
 Protections with automatic restart:
overload/short-circuit (OLP), line or output
OVP, max. duty cycle counter, VCC clamp
 Pulse-skip protection to prevent flux- runaway
 Embedded thermal shutdown
 Built-in soft-start for improved system reliability
Applications
 Low power SMPS for home appliances, home
automation, industrial, consumer, lighting
 Low power adapters
Description
The device is a high voltage converter smartly
integrating an 800 V avalanche-rugged power
MOSFET with PWM current mode control. The
power MOSFET with 800 V breakdown voltage
allows the extended input voltage range to be
applied, as well as the size of the DRAIN snubber
circuit to be reduced. This IC meets the most
stringent energy-saving standards as it has very
low consumption and operates in pulse frequency
modulation under light load. The design of
flyback, buck and buck boost converters is
supported. The integrated HV startup, sense-
FET, error amplifier and oscillator with jitter allow
a complete application to be designed with the
minimum number of components.
Figure 1. Basic application schematic
SSOP10
www.st.com


Similar Part No. - VIPER11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER100 STMICROELECTRONICS-VIPER100 Datasheet
406Kb / 23P
SMPS PRIMARY I.C.
rev. A
VIPER100(022Y) STMICROELECTRONICS-VIPER100(022Y) Datasheet
406Kb / 23P
SMPS PRIMARY I.C.
rev. A
VIPER100-22-E STMICROELECTRONICS-VIPER100-22-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER100-E STMICROELECTRONICS-VIPER100-E Datasheet
266Kb / 29P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER100/SP STMICROELECTRONICS-VIPER100/SP Datasheet
406Kb / 23P
SMPS PRIMARY I.C.
rev. A
More results

Similar Description - VIPER11

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
SPL8801 MARL-SPL8801 Datasheet
704Kb / 6P
High Efficiency Components Used For Maximum Energy Saving
SPL9066 MARL-SPL9066 Datasheet
2Mb / 3P
High Efficiency Components Used For Maximum Energy Saving
logo
ebm-papst
W1G200-EC87-20 EBMPAPST-W1G200-EC87-20 Datasheet
389Kb / 2P
Energy-saving axial fan
logo
Sharp Corporation
GP1UD287YK SHARP-GP1UD287YK Datasheet
109Kb / 7P
Energy Saving Type Low Dissipation
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
ebm-papst
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01 Datasheet
326Kb / 2P
Energy-saving axial fans
logo
STMicroelectronics
VIPER01 STMICROELECTRONICS-VIPER01 Datasheet
1Mb / 36P
Energy saving off-line high voltage converter
09-Mar-2016
STEVAL-ISA118V1 STMICROELECTRONICS-STEVAL-ISA118V1 Datasheet
107Kb / 5P
Offline converter for wide range input voltage
09-Jan-2013
logo
ebm-papst
W1G130-AA49-01 EBMPAPST-W1G130-AA49-01_16 Datasheet
415Kb / 2P
Energy-saving axial fans
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com