Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER267KDTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER267KDTR
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER267KDTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER267KDTR Datasheet HTML 3Page - STMicroelectronics VIPER267KDTR Datasheet HTML 4Page - STMicroelectronics VIPER267KDTR Datasheet HTML 5Page - STMicroelectronics VIPER267KDTR Datasheet HTML 6Page - STMicroelectronics VIPER267KDTR Datasheet HTML 7Page - STMicroelectronics VIPER267KDTR Datasheet HTML 8Page - STMicroelectronics VIPER267KDTR Datasheet HTML 9Page - STMicroelectronics VIPER267KDTR Datasheet HTML 10Page - STMicroelectronics VIPER267KDTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DS12978 Rev 1
7/28
VIPer26K
Electrical characteristics
28
3
Electrical characteristics
(TJ = -40 to 125°C, VDD = 14V; unless otherwise specified.)
Table 5. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit.
VBVDSS
Breakdown voltage
ID = 1 mA,
VCOMP = GND,
TJ = 25°C
1.05
kV
IDSS
Drain-source leakage
current
VDRAIN = 1050V,
VCOMP = GND,
TJ = 25°C
29
μA
RDS(on)
Drain-Source ON state
resistance
IDRAIN = 0.2 A;
TJ = 25 °C
7
IDRAIN = 0.2 A;
TJ = 125 °C
14
Table 6. Supply section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
High voltage start-up current source
VVDSS_SU
Startup breakdown drain-
source voltage
ID = 1 mA,
VCOMP = GND,
TJ = 25°C
1.05
kV
VHV_START
Drain-source start voltage
38
60
V
IDDch1
Charging current during
startup
VDRAIN = 50 V to
1.05 kV,
VDD = 4 V
-0.6
-1.8
mA
IDDch2
Charging current in self-
supply
VDRAIN = 50 V to
1.05 kV,
VDD = 9 V falling edge
-7
-13
mA
IC supply and consumptions
VDD
Operating voltage range
11.5
23.5
V
VDDclamp
VDD clamp voltage
IDD = 15 mA
23.5
V
VDDon
VDD start up threshold
12
13
14
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com