Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER267KDTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER267KDTR
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER267KDTR Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER267KDTR Datasheet HTML 1Page - STMicroelectronics VIPER267KDTR Datasheet HTML 2Page - STMicroelectronics VIPER267KDTR Datasheet HTML 3Page - STMicroelectronics VIPER267KDTR Datasheet HTML 4Page - STMicroelectronics VIPER267KDTR Datasheet HTML 5Page - STMicroelectronics VIPER267KDTR Datasheet HTML 6Page - STMicroelectronics VIPER267KDTR Datasheet HTML 7Page - STMicroelectronics VIPER267KDTR Datasheet HTML 8Page - STMicroelectronics VIPER267KDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This is information on a product in full production.
May 2019
DS12978 Rev 1
1/28
VIPER26K
1050 V high voltage converter for ultra-wide input
Datasheet - production data
Features
 1050 V avalanche-rugged power MOSFET
 allowing ultra-wide VAC input range to be
covered
 Embedded HV startup and sense-FET
 Current mode PWM controller
 Drain current limit protection:
 -500 mA (VIPER265K)
 -700 mA (VIPER267K)
 Jittered switching frequency reduces the EMI
filter cost: 60 kHz ± 4kHz
 Standby power < 30 mW at 230 VAC
 Embedded E/A with 3.3 V reference
 Safe auto-restart after a fault condition
 Hysteretic thermal shutdown
 Built-in soft-start for improved system reliability
Applications
 SMPS for energy metering
 Auxiliary power supplies for 3-phase input
industrial systems
 LED lighting
 Air conditioning
Description
The device is a high voltage converter smartly
integrating a 1050 V avalanche-rugged power
section, with a PWM current mode control. The
1050 V-BV power MOSFET allows to extend input
voltage range, and reduce the size of the DRAIN
snubber circuit. This IC meets the most stringent
energy-saving standards as it has very low
consumption and operates in burst mode under
light load.
The integrated HV startup, sense-FET, error
amplifier and oscillator with jitter allow a complete
application to be designed with the minimum
number of components.
The VIPer26K supports the most common SMPS
topologies such as: isolated flyback with
optocoupler, primary-side regulation, non-isolated
flyback with resistive feedback, buck, and buck
boost.
www.st.com


Similar Part No. - VIPER267KDTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER26 STMICROELECTRONICS-VIPER26 Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
VIPER26HD STMICROELECTRONICS-VIPER26HD Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
VIPER26HDTR STMICROELECTRONICS-VIPER26HDTR Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
VIPER26HN STMICROELECTRONICS-VIPER26HN Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
VIPER26LD STMICROELECTRONICS-VIPER26LD Datasheet
815Kb / 25P
Fixed frequency VIPerTM plus family
01-Sep-2010
More results

Similar Description - VIPER267KDTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
logo
MORNSUN Science& Techno...
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
Ultra wide input voltage range
PV15-29B05L MORNSUN-PV15-29B05L Datasheet
1Mb / 4P
Ultra wide input voltage range
PV40-29B12 MORNSUN-PV40-29B12 Datasheet
1Mb / 6P
Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
Ultra wide input voltage range
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
Ultra wide input voltage range
URB2403MT-3WR3 MORNSUN-URB2403MT-3WR3 Datasheet
1Mb / 5P
Ultra wide input voltage rang
logo
STMicroelectronics
STEVAL-ISA118V1 STMICROELECTRONICS-STEVAL-ISA118V1 Datasheet
107Kb / 5P
Offline converter for wide range input voltage
09-Jan-2013
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
Ultra-wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com