Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP64.. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSOP64..
Description  IR Receiver Modules for Remote Control Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP64.. Datasheet(HTML) 4 Page - Vishay Siliconix

  TSOP64.. Datasheet HTML 1Page - Vishay Siliconix TSOP64.. Datasheet HTML 2Page - Vishay Siliconix TSOP64.. Datasheet HTML 3Page - Vishay Siliconix TSOP64.. Datasheet HTML 4Page - Vishay Siliconix TSOP64.. Datasheet HTML 5Page - Vishay Siliconix TSOP64.. Datasheet HTML 6Page - Vishay Siliconix TSOP64.. Datasheet HTML 7Page - Vishay Siliconix TSOP64.. Datasheet HTML 8Page - Vishay Siliconix TSOP64.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TSOP62.., TSOP64..
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 1.9, 16-Aug-2022
4
Document Number: 82463
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Frequency Dependence of Responsivity
Fig. 6 - Sensitivity in Bright Ambient
Fig. 7 - Sensitivity vs. Supply Voltage Disturbances
Fig. 8 - Max. Envelope Duty Cycle vs. Burst Length
Fig. 9 - Sensitivity vs. Ambient Temperature
Fig. 10 - Relative Spectral Sensitivity vs. Wavelength
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.7
0.9
1.1
1.3
f/f0 - Relative Frequency
16925
f = f
0 ± 5 %
Δf(3 dB) = f
0/10
10
100
1000
10000
0
1
2
3
4
5
0.01
0.1
1
10
100
Axis Title
E
e - Ambient DC Irradiance (W/m
2)
Correlation with ambient light sources:
10 W/m2 = 1.4 klx (std. ilum. A, T = 2855 K)
10 W/m2 = 8.2 klx (daylight, T = 5900 K)
Wavelength of ambient
illumination: λ = 950 nm
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
110
100
1000
Axis Title
∆V
S RMS - AC Voltage on DC Supply Voltage (mV)
f = 100 Hz
f = 10 kHz
f = 30 kHz
f = f
0
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
20406080
100
120
140
Axis Title
Burst Length (Number of Cycles/Burst)
AGC 4
f = 38 kHz, E
e = 2 mW/m
2
AGC 2
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-30
-10
10
30
50
70
90
Axis Title
T
amb - Ambient Temperature (°C)
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
750
850
950
1050
1150
Axis Title
λ - Wavelength (nm)
21425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com