Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP64.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP64..
Description  IR Receiver Modules for Remote Control Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP64.. Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP64.. Datasheet HTML 1Page - Vishay Siliconix TSOP64.. Datasheet HTML 2Page - Vishay Siliconix TSOP64.. Datasheet HTML 3Page - Vishay Siliconix TSOP64.. Datasheet HTML 4Page - Vishay Siliconix TSOP64.. Datasheet HTML 5Page - Vishay Siliconix TSOP64.. Datasheet HTML 6Page - Vishay Siliconix TSOP64.. Datasheet HTML 7Page - Vishay Siliconix TSOP64.. Datasheet HTML 8Page - Vishay Siliconix TSOP64.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TSOP62.., TSOP64..
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 1.9, 16-Aug-2022
1
Document Number: 82463
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
This IR receiver series is optimized for long burst remote
control systems in different environments. The customer
can chose between different IC settings (AGC variants), to
find the optimum solution for his application. The higher the
AGC, the better noise is suppressed, but the lower the code
compatibility.
The devices contain a PIN diode and a preamplifier
assembled on a lead frame. The epoxy package contains an
IR filter. The demodulated output signal can be directly
connected to a microprocessor for decoding. These
components have not been qualified to automotive
specifications.
FEATURES
• Individual IC settings to reach maximum
performance
• Immunity against noise (lamps, LCD TV, Wi-Fi)
• Low supply current
• Photo detector and preamplifier in one package
• Supply voltage: 2.0 V to 5.5 V
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Infrared remote control systems
DESIGN SUPPORT TOOLS
• 3D models
• Window size calculator
BLOCK DIAGRAM
23204
23204
Product Page
Marking
33 k
Ω
VS
OUT
Demo
-
GND
pass
AGC
Input
PIN
Band
dulator
Control circuit
3
4
1
16839-1


Similar Part No. - TSOP64..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP64 VISHAY-TSOP64 Datasheet
327Kb / 12P
IR Receiver Modules for Remote Control Systems
17-Sep-13
TSOP64 VISHAY-TSOP64 Datasheet
327Kb / 12P
IR Receiver Modules for Remote Control Systems
17-Sep-13
TSOP6430 VISHAY-TSOP6430 Datasheet
653Kb / 26P
IR Receiver Modules for Remote Control Systems
13-Sep-17
TSOP6433 VISHAY-TSOP6433 Datasheet
653Kb / 26P
IR Receiver Modules for Remote Control Systems
13-Sep-17
TSOP6436 VISHAY-TSOP6436 Datasheet
653Kb / 26P
IR Receiver Modules for Remote Control Systems
13-Sep-17
More results

Similar Description - TSOP64..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com