Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP75S.. Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TSOP75S..
Description  IR Receiver Modules for Remote Control Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP75S.. Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TSOP75S.. Datasheet HTML 2Page - Vishay Siliconix TSOP75S.. Datasheet HTML 3Page - Vishay Siliconix TSOP75S.. Datasheet HTML 4Page - Vishay Siliconix TSOP75S.. Datasheet HTML 5Page - Vishay Siliconix TSOP75S.. Datasheet HTML 6Page - Vishay Siliconix TSOP75S.. Datasheet HTML 7Page - Vishay Siliconix TSOP75S.. Datasheet HTML 8Page - Vishay Siliconix TSOP75S.. Datasheet HTML 9Page - Vishay Siliconix TSOP75S.. Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TSOP75S..
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 29-Mar-2021
6
Document Number: 84211
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUITABLE DATA FORMAT
The TSOP752S.. series is designed to suppress spurious
output pulses due to noise or disturbance signals. Data and
disturbance signals can be distinguished by the devices
according to carrier frequency, burst length and envelope
duty cycle. The data signal should be close to the
band-pass center frequency (e.g. 40 kHz) and fulfill the
conditions in the table below.
When a data signal is applied to the TSOP75S.. in the
presence of a disturbance signal, the sensitivity of the
receiver is reduced to insure that no spurious pulses are
present at the output. Some examples of disturbance
signals which are suppressed are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signals at any frequency
• Strongly or weakly modulated noise from fluorescent
lamps with electronic ballasts (see Fig. 14 or Fig. 15)
Fig. 14 - IR Disturbance from Fluorescent Lamp
With Low Modulation
Fig. 15 - IR Disturbance from Fluorescent Lamp
With High Modulation
Note
• Best choice of AGC for some popular IR-codes:
- TSOP75S40: Sony 12 bit, 15 bit, and 20 bit IR-codes
- TSOP75S56: Cisco SA code
16920
10
100
1000
10000
0
1
2
3
4
5
6
7
0
5
10
15
20
Axis Title
Time (ms)
16921
10
100
1000
10000
-60
-40
-20
0
20
40
0
5
10
15
20
Axis Title
Time (ms)
TSOP75S..
Minimum burst length
10 cycles/burst
After each burst of length
a minimum gap time is required of
10 to 70 cycles
≥ 10 cycles
For bursts greater than
a minimum gap time in the data stream is needed of
70 cycles
> 10 x burst length
Maximum number of continuous short bursts/second
1800
Suppression of interference from fluorescent lamps
Most common disturbance patterns are suppressed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com