Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP75S.. Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TSOP75S..
Description  IR Receiver Modules for Remote Control Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP75S.. Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TSOP75S.. Datasheet HTML 3Page - Vishay Siliconix TSOP75S.. Datasheet HTML 4Page - Vishay Siliconix TSOP75S.. Datasheet HTML 5Page - Vishay Siliconix TSOP75S.. Datasheet HTML 6Page - Vishay Siliconix TSOP75S.. Datasheet HTML 7Page - Vishay Siliconix TSOP75S.. Datasheet HTML 8Page - Vishay Siliconix TSOP75S.. Datasheet HTML 9Page - Vishay Siliconix TSOP75S.. Datasheet HTML 10Page - Vishay Siliconix TSOP75S.. Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TSOP75S..
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 29-Mar-2021
7
Document Number: 84211
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
ASSEMBLY INSTRUCTIONS
Reflow Soldering
• Reflow soldering must be done within 72 h while stored
under a max. temperature of 30 °C, 60 % RH after
opening the dry pack envelope
• Set the furnace temperatures for pre-heating and heating
in accordance with the reflow temperature profile as
shown in the diagram. Exercise extreme care to keep the
maximum temperature below 260 °C. The temperature
shown in the profile means the temperature at the device
surface. Since there is a temperature difference between
the component and the circuit board, it should be verified
that the temperature of the device is accurately being
measured
• Handling after reflow should be done only after the work
surface has been cooled off
Manual Soldering
• Use a soldering iron of 25 W or less. Adjust the
temperature of the soldering iron below 300 °C
• Finish soldering within 3 s
• Handle products only after the temperature has cooled off
6.6 ± 0.1
3.2
1.27
3 x 1.27 = 3.81
(4 x)
2.2
(1)
(2.2)
(3.4)
(R1.3)
2.5
0.5 ± 0.1
Pick and place area
Proposed pad layout
from component side
(for reference only)
technical drawings
according to DIN
specifications
Not indicated tolerances ± 0.15
Drawing-No.: 6.550-5297.01-4
Issue: 4; 13.09.11
Marking area
Tool separation line
(0.635)
0.8
1.27
3 x 1.27 = 3.81
(3 x)
Mold residue
Mold residue
6.8
22608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com