Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP75SW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP75SW
Description  IR Receiver Modules for Remote Control Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP75SW Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP75SW Datasheet HTML 1Page - Vishay Siliconix TSOP75SW Datasheet HTML 2Page - Vishay Siliconix TSOP75SW Datasheet HTML 3Page - Vishay Siliconix TSOP75SW Datasheet HTML 4Page - Vishay Siliconix TSOP75SW Datasheet HTML 5Page - Vishay Siliconix TSOP75SW Datasheet HTML 6Page - Vishay Siliconix TSOP75SW Datasheet HTML 7Page - Vishay Siliconix TSOP75SW Datasheet HTML 8Page - Vishay Siliconix TSOP75SW Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TSOP75S..W
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 29-Mar-2021
1
Document Number: 84212
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The TSOP75S..W series are miniaturized receiver modules
for infrared remote control systems. Two PIN diodes and a
preamplifier are assembled on a leadframe, the epoxy
package is designed as an IR filter.
The demodulated output signal can be directly decoded by
a microprocessor. The TSOP75S..W is optimized for the
Sony codes. It is optimized to suppress almost all spurious
pulses from energy saving fluorescent lamps but will also
suppress some data signals.
This component has not been qualified according to
automotive specifications.
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Optimized for Sony and Cisco SA codes
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Capable of side or top view
• Low profile 2.35 mm
• Insensitive to supply voltage ripple and noise
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Pinning:
1, 4 = GND, 2 = VS, 3 = OUT
ORDERING CODE
Taping:
TSOP75...WTT - top view taped, 2200 pcs/reel
TSOP75...WTR - side view taped, 2300 pcs/reel
BLOCK DIAGRAM
APPLICATION CIRCUIT
Product Page
333
DDD3 D
3D Models
Calculators
Marking
30 k
Ω
VS
OU T
Demo-
GND
pass
AGC
Input
PIN
Band
dulator
Control circuit
2
3
1, 4
20445-1
C1
IR receiver
GND
μC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-11
OUT
R
1 and C1 recommended to reduce supply ripple for VS < 2.8 V


Similar Part No. - TSOP75SW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP75S VISHAY-TSOP75S Datasheet
401Kb / 13P
IR Receiver Modules for Remote Control Systems
29-Mar-2021
TSOP75S.. VISHAY-TSOP75S.. Datasheet
401Kb / 13P
IR Receiver Modules for Remote Control Systems
29-Mar-2021
TSOP75S40 VISHAY-TSOP75S40 Datasheet
401Kb / 13P
IR Receiver Modules for Remote Control Systems
29-Mar-2021
TSOP75S40W VISHAY-TSOP75S40W Datasheet
334Kb / 12P
IR Receiver Modules for Remote Control Systems
14-Sep-17
TSOP75S56 VISHAY-TSOP75S56 Datasheet
401Kb / 13P
IR Receiver Modules for Remote Control Systems
29-Mar-2021
More results

Similar Description - TSOP75SW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com