Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP75SW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP75SW
Description  IR Receiver Modules for Remote Control Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP75SW Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP75SW Datasheet HTML 1Page - Vishay Siliconix TSOP75SW Datasheet HTML 2Page - Vishay Siliconix TSOP75SW Datasheet HTML 3Page - Vishay Siliconix TSOP75SW Datasheet HTML 4Page - Vishay Siliconix TSOP75SW Datasheet HTML 5Page - Vishay Siliconix TSOP75SW Datasheet HTML 6Page - Vishay Siliconix TSOP75SW Datasheet HTML 7Page - Vishay Siliconix TSOP75SW Datasheet HTML 8Page - Vishay Siliconix TSOP75SW Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSOP75S..W
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 29-Mar-2021
2
Document Number: 84212
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
PARTS TABLE
AGC
TV APPLICATIONS (AGC-S)
Carrier frequency
40 kHz
TSOP75S40W (1)
56 kHz
TSOP75S56W (2)
Package
Heimdall no lens
Pinning
1, 4 = GND, 2 = VS, 3 = OUT
Dimensions (mm)
6.8 W x 2.3 H x 3.2 D
Mounting
SMD
Application
TV
Special options
• Extended temperature range: www.vishay.com/doc?82738
• Narrow optical filter: www.vishay.com/doc?81590
• Wide optical flter: www.vishay.com/doc?82726
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
-0.3 to +6
V
Supply current
IS
3mA
Output voltage
VO
-0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VS
2.5
-
5.5
V
Supply current
Ev = 0, VS = 3.3 V
ISD
0.27
0.35
0.45
mA
Ev = 40 klx, sunlight
ISH
-0.45
-
mA
Transmission distance
Ev = 0, test signal see Fig. 1,
IR diode TSAL6200,
IF = 50 mA
d-
16
-
m
Output voltage low
IOSL = 0.5 mA, Ee = 0.7 mW/m2,
test signal see Fig. 1
VOSL
-
-
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see Fig. 1
Ee min.
-
0.25
0.5
mW/m2
Maximum irradiance
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see Fig. 1
Ee max.
30
-
-
W/m2
Directivity
Angle of half transmission distance
ϕ1/2
-± 75
-
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com