Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS Datasheet(PDF) 4 Page - C&K Components

Part # OS
Description  Miniature Slide Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

OS Datasheet(HTML) 4 Page - C&K Components

  OS Datasheet HTML 1Page - C&K Components OS Datasheet HTML 2Page - C&K Components OS Datasheet HTML 3Page - C&K Components OS Datasheet HTML 4Page - C&K Components OS Datasheet HTML 5Page - C&K Components OS Datasheet HTML 6Page - C&K Components OS Datasheet HTML 7Page - C&K Components OS Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
I
I–40
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
15 Mar 22
POS.1
POS.3
POS.2
1-2, 5-6
CONN. TERMINALS
SCHEMATIC
PART NUMBER
SWITCH FUNCTION
DP3T
OS203013MT8QN1
(Non-shorting)
ROHS
Compliant
ROHS
Compatible
ON
ON
ON
YESNO
3-4, 7-8
2-3, 6-7
POS.1
POS.3
POS.2
1-2, 4-5
CONN. TERMINALS
SCHEMATIC
PART NUMBER
SWITCH FUNCTION
DP3T
OS203013MT7QN1
(Non-shorting)
ROHS
Compliant
ROHS
Compatible
ON
OFF
ON
YESNO
2-3, 5-6
POS.1
POS.2
1-2, 4-5
CONN. TERMINALS
SCHEMATIC
DPDT
PART NUMBER
SWITCH FUNCTION
OS202013MT8QN1
(Non-shorting)
ON
ON
YESNO
RoHS
Compliant
RoHS
Compatible
2-3, 5-6
Actuator shown in pos. 3
4
6
3
5
6
Actuator shown in pos. 1
56
78
8
4
Actuator shown in pos. 1
6
3
45
6
OS Series
Miniature Slide Switches
PIN LAYOUT
PC MOUNTING
12
34
56
78
PC MOUNTING
12
3
45
6
OS203013MT7QN1
DP3T
OS202013MT8QN1
DPDT
OS203013MT8QN1
DP3T
CONTACT RATING: 0.3A @ 30 VDC
CONTACT RATING: 0.3A @ 30 VDC
CONTACT RATING: 0.3A @ 30 VDC
I



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com