Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS Datasheet(PDF) 7 Page - C&K Components

Part # OS
Description  Miniature Slide Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

OS Datasheet(HTML) 7 Page - C&K Components

  OS Datasheet HTML 1Page - C&K Components OS Datasheet HTML 2Page - C&K Components OS Datasheet HTML 3Page - C&K Components OS Datasheet HTML 4Page - C&K Components OS Datasheet HTML 5Page - C&K Components OS Datasheet HTML 6Page - C&K Components OS Datasheet HTML 7Page - C&K Components OS Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
I
I–43
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
15 Mar 22
POS.1
POS.3
POS.2
1-2, 5-6
2-3, 6-7
CONN. TERMINALS
SCHEMATIC
PART NUMBER
SWITCH FUNCTION
DP3T
OS203011MA2QP1
(Non-specied)
ROHS
Compliant
ROHS
Compatible
ON
ON
ON
YESNO
2-4, 6-8
POS.1
POS.3
POS.2
1-2
CONN. TERMINALS
SCHEMATIC
PART NUMBER
SWITCH FUNCTION
SP3T
OS103011MA7QP1
(Non-specied)
ROHS
Compliant
ROHS
Compatible
ON
ON
ON
YESNO
2-4
2-3
OS103011MA7QP1C*
(Non-specied)
ON
ON
ON
YESYES
POS.1
POS.2
1-2
CONN. TERMINALS
SCHEMATIC
SPDT
PART NUMBER
SWITCH FUNCTION
OS102011MA1QN1
(Non-shorting)
ON
ON
YESNO
RoHS
Compliant
RoHS
Compatible
OS102011MA1QN1C*
(Non-shorting)
ON
ON
YESYES
2-3
OS102011MA1QS1
(Shorting)
ON
ON
YESNO
OS102011MA1QS1C*
(Shorting)
ON
ON
YESYES
Actuator shown in pos. 2
12 3
3
OS Series
Miniature Slide Switches
Actuator shown in pos. 3
56 78
84
PC MOUNTING
12 34
56 78
12.6
4.3
2.8
4.7
0.4
2.1
4 2X
2
12.2
2 TRAVEL
2 TRAVEL
4
0.5 TYP
2
4
2.6
2
8.5
0.3
1.2
12.2
4
2
0.8
1.5
1
1 2 3 4
1
2 3 4
PC MOUNTING
PC MOUNTING
1 23
OS102011MA1QN1
SPDT
OS103011MA7QP1
SP3T
OS203011MA2QP1
DP3T
CONTACT RATING: 0.1A @ 12 VDC
CONTACT RATING: 0.1A @ 12 VDC
CONTACT RATING: 0.1A @ 12 VDC
* “C” option at the end of part number designates high temperature actuators
* “C” option at the end of part number designates high temperature actuators
I



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com