Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO-LINK-MASTER02-USB Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # IO-LINK-MASTER02-USB
Description  IO-Link Master
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IO-LINK-MASTER02-USB Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  IO-LINK-MASTER02-USB Datasheet HTML 1Page - Pepperl+Fuchs Inc. IO-LINK-MASTER02-USB Datasheet HTML 2Page - Pepperl+Fuchs Inc. IO-LINK-MASTER02-USB Datasheet HTML 3Page - Pepperl+Fuchs Inc. IO-LINK-MASTER02-USB Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IO-Link Master
IO-Link-Master02-USB
IO-Link master, supply via USB port or separate power supply, LED indicators, M12 plug for sensor
connection
Function
The IO-Link USB master is used for communication with IO-Link devices. Its purpose is to connect IO-Link sensors to a PC USB port. Following
installation of the supplied FDT tools, connected IO-Link sensors can be conveniently configured and parameterized. Sensor diagnostics is also
possible. For sensors with a low current consumption, power is supplied directly via the USB master. For sensors with a higher current
consumption, an additional external power supply is available. The device is extremely well suited for testing purposes and for commissioning and
service operations.
Dimensions
54
16
24
Technical Data
Indicators/operating means
Function indicator
communication: LED green
status display: LED yellow
diagnostic display: LED red
Operating voltage indicator: yellow LED
Electrical specifications
Operating voltage
UB
24 V DC / USB 5 V DC
Operating current
IB
< = 500 mA
Interface
Interface type
IO-Link
Protocol
IO-Link V1.1 , IO-Link V1.0
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - IO-LINK-MASTER02-USB

ManufacturerPart #DatasheetDescription
logo
IO AUDIO TECHNOLOGIES.
IO-E4231S-6LZH-1000B IOAUDIO-IO-E4231S-6LZH-1000B Datasheet
385Kb / 3P
BULK SOLID CATEGORY CABLE
logo
SICK AG
IO-EXP-AOD5 SICK-IO-EXP-AOD5 Datasheet
208Kb / 4P
Plug connector cable
logo
IO AUDIO TECHNOLOGIES.
IO-TJ-N IOAUDIO-IO-TJ-N Datasheet
353Kb / 2P
TJ SERIES - HORIZONTAL PCB MOUNT
IO-TJ-N IOAUDIO-IO-TJ-N Datasheet
505Kb / 2P
TINY JACK SERIES - HORIZONTAL PCB MOUNT
IO-TJ-W IOAUDIO-IO-TJ-W Datasheet
353Kb / 2P
TJ SERIES - HORIZONTAL PCB MOUNT
More results

Similar Description - IO-LINK-MASTER02-USB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
IO-Link Master Transceiver
Rev 3; 5/12
logo
Contec Co., Ltd
CPSL-08P1EN CONTEC-CPSL-08P1EN Datasheet
699Kb / 3P
IO-Link Master Module
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
4080495 FESTO-4080495 Datasheet
75Kb / 2P
IO-Link master module
8091509 FESTO-8091509 Datasheet
89Kb / 2P
IO-Link Master USB
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
IO-Link master
ICE1-8IOL-S2-G60L-V1D PF-ICE1-8IOL-S2-G60L-V1D Datasheet
601Kb / 3P
IO-Link master
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
IO-link master transceiver
Rev. 1.0, 7/2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com