Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAD-360D Datasheet(PDF) 9 Page - Mean Well Enterprises Co., Ltd.

Part # LAD-360D
Description  360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LAD-360D Datasheet(HTML) 9 Page - Mean Well Enterprises Co., Ltd.

Back Button LAD-360D Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 12Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
File Name:LAD-360-SPEC 2022-10-14
360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
L A D - 3 6 0 series
3.3 Battery Low: Battery low detection
Between pin 3 and pin 4
(0.3V max. at 30mA)
(External applied voltage 50V max.)
Low
High or open
Description
The signal is "Low" when the battery is under voltage protected
The signal turns to be "High" when the battery is normal
2
1
8
7
R
V
4
3
3.4 Battery Full:Battery full detection
TTL Signal for Blank version
Between pin 4 and pin 5
(0.3V max. at 30mA)
(External applied voltage 50V max.)
Low
High or open
Description
The signal is "Low" when the battery is fully charged
The signal turns to be "High" when the battery is charged
2
1
8
7
R
V
4
5
TTL Signal for Blank version
Signal for UART Version
Battery Low is achievable through UART communication protocol,please refer to for more detail:
http://www.meanwell.com/manual.html
Signal for UART Version
Battery Full is achievable through UART communication protocol,please refer to for more detail:
http://www.meanwell.com/manual.html



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com