Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F786 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F786
Description  4-bit asynchronous bus arbiter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F786 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F786 Datasheet HTML 3Page - NXP Semiconductors 74F786 Datasheet HTML 4Page - NXP Semiconductors 74F786 Datasheet HTML 5Page - NXP Semiconductors 74F786 Datasheet HTML 6Page - NXP Semiconductors 74F786 Datasheet HTML 7Page - NXP Semiconductors 74F786 Datasheet HTML 8Page - NXP Semiconductors 74F786 Datasheet HTML 9Page - NXP Semiconductors 74F786 Datasheet HTML 10Page - NXP Semiconductors 74F786 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F786
4-bit asynchronous bus arbiter
February 14, 1991
7
AC ELECTRICAL CHARACTERISTICS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
Tamb = –40°C to
+85
°C
SYM-
BOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay,
A, B, C, D to YOUT
Waveform 1
2.5
2.5
4.5
4.5
7.5
7.5
2.0
2.5
8.5
7.5
2.0
2.5
8.5
7.5
ns
tPLH
tPHL
Propagation delay,
BRn to BGn
Waveform 2
5.0
4.5
7.0
6.5
10.0
9.5
4.5
4.0
10.5
10.0
4.5
4.0
10.5
10.0
ns
tPLH
tPHL
Propagation delay,
EN to BGn
Waveform 2
3.0
2.5
5.0
4.5
8.0
7.5
2.5
2.5
8.5
8.0
2.5
2.5
8.5
8.0
ns
tPHL
Propagation delay,
BRa to BGb
Waveform 2
5.0
7.0
10.0
4.5
10.5
4.5
10.5
ns
AC WAVEFORMS
VM
VM
VM
VM
A, B, C, D
YOUT
tPLH
tPHL
SF00445
Waveform 1. Propagation delay for AND gate to output
VM
VM
VM
VM
tPHL
tPLH
BRn, EN
BGn
SF00446
Waveform 2. Propagation delay for bus request or enable to
bus grant output
VM
VM
BRa
BGa
BRb
BGb
VM
tPHL
SF00447
Waveform 3. Propagation delay for bus request to bus grant
output
Notes to AC waveforms
1. For all waveforms, VM = 1.5V.
2. a and b represents any of the bus requests or grants. BGa
low–to–high transition and the BGb high–to–low transition occur
simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com