Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F786 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F786
Description  4-bit asynchronous bus arbiter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F786 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F786 Datasheet HTML 1Page - NXP Semiconductors 74F786 Datasheet HTML 2Page - NXP Semiconductors 74F786 Datasheet HTML 3Page - NXP Semiconductors 74F786 Datasheet HTML 4Page - NXP Semiconductors 74F786 Datasheet HTML 5Page - NXP Semiconductors 74F786 Datasheet HTML 6Page - NXP Semiconductors 74F786 Datasheet HTML 7Page - NXP Semiconductors 74F786 Datasheet HTML 8Page - NXP Semiconductors 74F786 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74F786
4-bit asynchronous bus arbiter
February 14, 1991
3
FUNCTIONAL DESCRIPTION
The BRn inputs have no inherent priority. The arbiter assigns priority
to the incoming requests as they are received, therefore, the first BR
asserted will have the highest priority. When a bus request is
received its corresponding bus grant becomes active, provided that
EN is low. If additional bus requests are made during this time they
are queued. When the first request is removed, the arbiter services
the bus request with the next highest priority. Removing a request
while a previous request is being serviced can cause a grant to be
changed when arbitrating between three or four requests. For that
reason, the user should not remove ungranted requests when
arbitrating between three or four requests. This does not apply to
arbitration between two requests.
If two or more BRn inputs are asserted at precisely the same time,
one of them will be selected at random, and all BGn outputs will be
held in the high state until the selection is made. This guarantees
that an erroneous BGn will not be generated even though a
metastable condition may occur internal to the device. When the EN
is in the high state the BGn outputs are forced high.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
9
8
VCC
B
C
D
BR0
BR1
BR2
BR3
GND
A
YOUT
BG0
BG1
BG2
BG3
EN
SF00441
PIN DESCRIPTION
SYMBOL
PINS
TYPE
NAME
FUNCTION
BR0 – BR3
4, 5, 6, 7
Input
Bus request inputs (active low)
The logic of this device arbitrates between these four inputs.
Unused inputs should be tied high.
A, B, C, D
15, 1, 2, 3
Input
Inputs of the 4–input AND gate
EN
9
Input
Enable input
When low it enables the BG0 – BG3 outputs.
BG0 – BG3
13, 12, 11, 10
Output
Bus grant outputs (active low)
These outputs indicate the selected bus request. BG0 corre-
sponds to BR0, BG1 to BR1, etc.
YOUT
14
Output
Output of the 4–input AND gate
GND
8
Ground
ground (0V)
VCC
16
Power
Positive supply voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com