Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0109M1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # Z0109M1
Description  1 A, 10 mA, 4-triggering quadrant Triac in SO-8
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109M1 Datasheet(HTML) 1 Page - STMicroelectronics

  Z0109M1 Datasheet HTML 1Page - STMicroelectronics Z0109M1 Datasheet HTML 2Page - STMicroelectronics Z0109M1 Datasheet HTML 3Page - STMicroelectronics Z0109M1 Datasheet HTML 4Page - STMicroelectronics Z0109M1 Datasheet HTML 5Page - STMicroelectronics Z0109M1 Datasheet HTML 6Page - STMicroelectronics Z0109M1 Datasheet HTML 7Page - STMicroelectronics Z0109M1 Datasheet HTML 8Page - STMicroelectronics Z0109M1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
A1
G
NC NC
NC
NC
A2
A2
Top view
1.
Features
•
Low current Triac, IT(RMS) = 1 A
•
Logic level 4-triggering quadrants
•
SMD package with 4.9 x 6 mm2 total size
•
4 mm A1-A2 creepage distance compatible with IEC 60664-1 pollution degree 3
at 250 V, overvoltage category 2, material group 3a and 3b
•
ECOPACK2 compliant component
•
Dual footprint compatible with SO-8 and SOT-223
Applications
•
General purpose AC line load switching
•
Actuator AC drive circuit such as electro-valve, dispenser, pump, fan
•
LED / lamps control
•
High voltage solenoid drive circuit such as breaker interrupter and relay
•
Major and small home appliances
•
Home and industrial automation systems
Description
The Z0109M1 Triac, housed in SO-8 surface mount package, enables compact
power control designs compatible with automated assembly lines.
This device achieves an on/off and phase angle control where low triggering energy
is required.
It can be controlled directly from a microcontroller and is able to drive resistive or
inductive low current AC loads.
Table 1. Table pin name
Symbol
Type
Description
Pin
G
Drive
Gate
4
A1
Power
Anode1
1
A2
Power
Anode2
6, 7
NC
Not connected
2,3,5,8
Product status link
Z0109M1
Product summary
IT(RMS)
1 A
VDRM/VRRM
600 V
VDSM/VRSM
700 V
IGT
10 mA
1 A, 10 mA, 4-triggering quadrant Triac in SO-8
Z0109M1
Datasheet
DS13130 - Rev 1 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - Z0109M1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0109MA PHILIPS-Z0109MA Datasheet
267Kb / 12P
Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
74Kb / 8P
1A TRIACS
14-Dec-2010
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
96Kb / 9P
1 A Triacs
10-Oct-2006
logo
NXP Semiconductors
Z0109MA NXP-Z0109MA Datasheet
184Kb / 12P
Logic level four-quadrant triac
Rev. 03-4 August 2009
logo
ON Semiconductor
Z0109MA ONSEMI-Z0109MA Datasheet
195Kb / 10P
Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results

Similar Description - Z0109M1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1023 PHILIPS-TDA1023 Datasheet
266Kb / 19P
Proportional-control triac triggering circuit
May 1991
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
Hi-Sincerity Mocroelect...
HBT139DE HSMC-HBT139DE Datasheet
60Kb / 4P
Three Quadrant Triac
logo
NXP Semiconductors
BTA316-600ET NXP-BTA316-600ET Datasheet
211Kb / 13P
16 A three-quadrant high commutation triac
Rev. 01-30 March 2010
BTA316-800ET NXP-BTA316-800ET Datasheet
210Kb / 13P
16 A three-quadrant high commutation triac
Rev. 01-29 March 2010
BTA312-800ET NXP-BTA312-800ET_10 Datasheet
169Kb / 14P
3Q Hi-Com Triac Triggering in three quadrants only
Rev. 02-2 December 2010
BTA208S-800B NXP-BTA208S-800B_11 Datasheet
176Kb / 14P
3Q Hi-Com Triac Triggering in three quadrants only
Rev. 03-14 April 2011
logo
DONGGUAN YOU FENG WEI E...
BTA16 YFWDIODE-BTA16 Datasheet
640Kb / 4P
16A Four-quadrant triac
BTA04F YFWDIODE-BTA04F Datasheet
688Kb / 4P
4A four-quadrant triac
logo
STMicroelectronics
Z0402MB STMICROELECTRONICS-Z0402MB Datasheet
659Kb / 11P
4 A - Triac in DPAK package
02-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com