Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0109M1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # Z0109M1
Description  1 A, 10 mA, 4-triggering quadrant Triac in SO-8
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109M1 Datasheet(HTML) 4 Page - STMicroelectronics

  Z0109M1 Datasheet HTML 1Page - STMicroelectronics Z0109M1 Datasheet HTML 2Page - STMicroelectronics Z0109M1 Datasheet HTML 3Page - STMicroelectronics Z0109M1 Datasheet HTML 4Page - STMicroelectronics Z0109M1 Datasheet HTML 5Page - STMicroelectronics Z0109M1 Datasheet HTML 6Page - STMicroelectronics Z0109M1 Datasheet HTML 7Page - STMicroelectronics Z0109M1 Datasheet HTML 8Page - STMicroelectronics Z0109M1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1.1
Characteristics (curves)
Figure 1. Maximum power dissipation versus on-state
RMS current (full cycle)
0
0.4
0.8
1.2
1.6
0
0.2
0.4
0.6
0.8
1
P(W)
180°
I
(A)
T(RMS)
α = 180°
Figure 2. On-state RMS current versus lead pin# 6 and 7
temperature (full cycle)
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
I
(A)
T(RMS)
T (°C)
l
Figure 3. On-state RMS current versus ambient
temperature (free air convection, full cycle)
0
0.2
0.4
0.6
0
25
50
75
100
125
I
(A)
T(RMS)
T (°C)
a
Figure 4. Relative variation of thermal impedance versus
pulse duration
1.0E-02
1.0E-01
1.0E+00
1.0E-03
1.0E-02
1.0E-01
1.0E+00 1.0E+01 1.0E+02 1.0E+03
K = [Zth / Rth]
Z th(j-l)
Z th(j-a)
tp(s)
Figure 5. Surge peak on-state current versus number of
cycles
0
2
4
6
8
10
1
10
100
1000
I
(A)
TSM
Non repetitive
Tj initial=25 °C
Non repetitive
Tj initial=25 °C
Repetitive
Tl =90 °C
Number of cycles
One cycle
t = 20 ms
Figure 6. Non-repetitive surge peak on-state current for
sinuzoidal pulse with width tP < 10 ms
1
10
100
0.01
0.10
1.00
10.00
I
(A)
TSM
t ( ms)
p
I
TSM
T initial = 25 °C
j
Z0109M1
Characteristics (curves)
DS13130 - Rev 1
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com