Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIO1049 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SIO1049
Description  Super I/O with LPC Interface, with IrDA and Microsoft Windows MCE Consumer IR Support
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SIO1049 Datasheet(HTML) 3 Page - Microsemi Corporation

  SIO1049 Datasheet HTML 1Page - Microsemi Corporation SIO1049 Datasheet HTML 2Page - Microsemi Corporation SIO1049 Datasheet HTML 3Page - Microsemi Corporation SIO1049 Datasheet HTML 4Page - Microsemi Corporation SIO1049 Datasheet HTML 5Page - Microsemi Corporation SIO1049 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Super I/O with LPC Interface, with IrDA and Microsoft® Windows® MCE Consumer IR Support
SMSC SIO1049
3
Revision 0.35 (05-17-06)
PRODUCT PREVIEW
General Description
The SMSC SIO1049 is a 3.3V PC 99, PC2001, and ACPI 2.0 compliant Super I/O Controller. The
SIO1049 implements the LPC interface, a pin reduced ISA interface which provides the same or better
performance as the ISA/X-bus with a substantial savings in pins used. The part also includes 14 GPIO
pins.
The SIO1049 incorporates a 16C550A compatible UART and one Multi-Mode parallel port with
ChiProtect
™ circuitry plus EPP and ECP support. The SIO1049 does not require any external filter
components, is easy to use and offers lower system cost and reduced board area.
The SIO1049 offers a full 16-bit internally decoded address bus, a Serial IRQ interface with PCI
CLKRUN# support, relocatable configuration ports, and three DMA channel options.
The on-chip UART is compatible with the 16C550A. There is a dedicated Serial Infrared interface
UART, which complies with IrDA v1.2 (Fast IR), HPSIR, and ASKIR formats (used by Sharp and other
PDAs), as well as Consumer IR. There is a second IR port, which supports NEC, Phillips RC5 and
Microsoft CIR protocols for waking from any Sleep level, as well as other Consumer IR protocols for
normal data transfer, and is enhanced to allow measurement of an incoming carrier. In addition a third
block (BIRCC: “Blaster” IR Communication Controller) is provided in order to be able to transmit control
on up to four IR Emitter channels.
The parallel port is compatible with IBM PC/AT architectures, as well as IEEE 1284 EPP and ECP.
The parallel port ChiProtect
™ circuitry prevents damage caused by an attached powered printer when
the SIO1049 is not powered.
The SIO1049 features Software Configurable Logic (SCL) for ease of use. SCL allows programmable
system configuration of key functions such as the parallel port and UART.
The SIO1049 supports the ISA Plug-and-Play Standard register set (Version 1.0a) and provides the
recommended functionality to support Windows operating systems, PC99, and PC2001. The I/O
Address, DMA Channel, and Hardware IRQ of each device in the SIO1049 may be reprogrammed
through the internal configuration registers. There are multiple I/O address location options, a
Serialized IRQ interface, and three DMA channels.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com