Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV64K Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 69Page - STMicroelectronics ST25DV64K Datasheet HTML 70Page - STMicroelectronics ST25DV64K Datasheet HTML 71Page - STMicroelectronics ST25DV64K Datasheet HTML 72Page - STMicroelectronics ST25DV64K Datasheet HTML 73Page - STMicroelectronics ST25DV64K Datasheet HTML 74Page - STMicroelectronics ST25DV64K Datasheet HTML 75Page - STMicroelectronics ST25DV64K Datasheet HTML 76Page - STMicroelectronics ST25DV64K Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 197 page
background image
7.4
RF protocol description
7.4.1
Protocol description
The transmission protocol (or simply “the protocol”) defines the mechanism used to exchange instructions and
data between the VCD (Vicinity Coupling Device) and the ST25DVxxx in both directions. It is based on the
concept of “VCD talks first”.
This means that a ST25DVxxx does not start transmitting unless it has received and properly decoded an
instruction sent by the VCD. The protocol is based on an exchange of:
•
a request from the VCD to the ST25DVxxx,
•
a response from the ST25DVxxx to the VCD.
Each request and each response are contained in a frame. The frame are delimited by a Start of Frame (SOF)
and End of Frame (EOF).
The protocol is bit-oriented. The number of bits transmitted in a frame is a multiple of eight (8), that is an integer
number of bytes.
A single-byte field is transmitted least significant bit (LSBit) first. A multiple-byte field is transmitted least
significant byte (LSByte) first and each byte is transmitted least significant bit (LSBit) first.
Figure 32. ST25DVxxx protocol timing
Request
frame
Request
frame
Response
frame
Response
frame
VCD
ST25DVxxx
Timing
t1
t2
t1
t2
7.4.2
ST25DVxxx states referring to RF protocol
The ST25DVxxx can be in one of four states:
•
Power-off
•
Ready
•
Quiet
•
Selected
Transitions between these states are specified in Figure 33. ST25DVxxx state transition diagram and
Table 92. ST25DVxxx response depending on Request_flags.
Power-off state
The ST25DVxxx is in the Power-off state when it does not receive enough energy from the VCD.
Ready state
The ST25DVxxx is in the Ready state when it receives enough energy from the VCD. When in the Ready state,
the ST25DVxxx answers any request where the Select_flag is not set.
Quiet state
When in the Quiet state, the ST25DVxxx answers any request with the Address_flag set, except for Inventory
requests.
ST25DV04K ST25DV16K ST25DV64K
RF protocol description
DS10925 - Rev 11
page 73/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com