Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV64K Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 26Page - STMicroelectronics ST25DV64K Datasheet HTML 27Page - STMicroelectronics ST25DV64K Datasheet HTML 28Page - STMicroelectronics ST25DV64K Datasheet HTML 29Page - STMicroelectronics ST25DV64K Datasheet HTML 30Page - STMicroelectronics ST25DV64K Datasheet HTML 31Page - STMicroelectronics ST25DV64K Datasheet HTML 32Page - STMicroelectronics ST25DV64K Datasheet HTML 33Page - STMicroelectronics ST25DV64K Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 197 page
background image
FIELD_CHANGE:
•
A pulse is emitted on GPO to signal a change in RF field state.
•
When FIELD_CHANGE is activated, and when RF field appear or disappear, GPO emits a pulse of
duration IT_TIME.
•
If RF field disappears, the pulse is emitted only if VCC power supply is present.
•
If RF is configured in RF_SLEEP mode, field change are not reported on GPO, even if FIELD_CHANGE
event is activated, as shown in Table 22.
Table 22. FIELD_CHANGE when RF is disabled or in sleep mode
RF_DISABLE
RF_SLEEP
GPO behaviour when FIELD_CHANGE is enabled
0
0
A pulse is emitted on GPO if RF field appears or disappears (1)
1
0
X
1
GPO remains high-Z (OD) or tied low (CMOS)
IT_STS_Dyn register is not updated.
X
1
1. assuming that GPO output is enabled (GPO_EN = 1).
Figure 15. FIELD_CHANGE sequence
2) RF field disappears and ST25DV is powered through VCC. GPO/FIELD_CHANGE generates a
pulse during IT_TIME.
GPO/FIELD_CHANGE (OD)
1) RF field appears. GPO/FIELD_CHANGE generates a pulse during IT_TIME.
t1
GPO/FIELD_CHANGE (OD)
S
O
F
E
O
F
ST25DV
reply
S
O
F
First VCD
command
E
O
F
3) RF field disappears and ST25DV is not powered through VCC. GPO/FIELD_CHANGE doesn’t
generates any pulse.
RF field
RF field
t1
S
O
F
E
O
F
ST25DV
reply
S
O
F
VCD
command
E
O
F
GPO/FIELD_CHANGE (OD)
RF field
t1
S
O
F
E
O
F
ST25DV
reply
S
O
F
VCD
command
E
O
F
ST25DV04K ST25DV16K ST25DV64K
GPO
DS10925 - Rev 11
page 30/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com