Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV64K Datasheet(PDF) 194 Page - STMicroelectronics

Part # ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Datasheet(HTML) 194 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 189Page - STMicroelectronics ST25DV64K Datasheet HTML 190Page - STMicroelectronics ST25DV64K Datasheet HTML 191Page - STMicroelectronics ST25DV64K Datasheet HTML 192Page - STMicroelectronics ST25DV64K Datasheet HTML 193Page - STMicroelectronics ST25DV64K Datasheet HTML 194Page - STMicroelectronics ST25DV64K Datasheet HTML 195Page - STMicroelectronics ST25DV64K Datasheet HTML 196Page - STMicroelectronics ST25DV64K Datasheet HTML 197Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 194 / 197 page
background image
Table 272. Polling during programing after byte write in System memory if I2C security session is open and register is not RO
.............................................................................. 163
Table 273. Byte Write in System memory if I2C security session is closed or register is RO ....................... 164
Table 274. Sequential write User memory when write operation allowed and all bytes belong to same area............ 164
Table 275. Polling during programing after sequential write in User memory when write operation allowed and all bytes belong
to same area. .................................................................... 165
Table 276. Sequential write in User memory when write operation allowed and crossing over area border............. 165
Table 277. Polling during programming after sequential write in User memory when write operation allowed and crossing over
area border ...................................................................... 166
Table 278. Sequential write in mailbox when mailbox is free from RF message and fast transfer mode is activated ...... 166
Table 279. Polling during programing after sequential write in mailbox ..................................... 166
Table 280. Current byte Read in User memory if read operation allowed (depending on area protection and RF user security
session) ........................................................................ 167
Table 281. Current Read in User memory if read operation not allowed (depending on area protection and RF user security
session) ........................................................................ 167
Table 282. Random byte read in User memory if read operation allowed (depending on area protection and RF user security
session) ........................................................................ 168
Table 283. Random byte read in User memory if operation not allowed (depending on area protection and RF user security)168
Table 284. Byte Read System memory (Static register or I2C Password after a valid Present I2C Password) ........... 169
Table 285. Random byte read in Dynamic registers .................................................. 169
Table 286. Sequential Read User memory if read operation allowed (depending on area protection and RF user security
session) and all bytes belong to the same area ............................................. 170
Table 287. Sequential Read User memory if read operation allowed (depending on area protection and RF user security
session) but crossing area border ...................................................... 171
Table 288. Sequential Read User memory if read operation allowed (depending on area protection and RF user security
session) ........................................................................ 172
Table 289. Sequential in Read System memory (I2C security session open if reading I2C_PWD) ................... 173
Table 290. Sequential Read system memory when access is not granted (I2C password I2C_PWD) ................ 174
Table 291. Sequential read in dynamic register ..................................................... 175
Table 292. Sequential read in Dynamic register and mailbox continuously if fast transfer mode is activated ............ 176
Table 293. Sequential in mailbox if fast transfer mode is activated ........................................ 177
Table 294. Sequential read in mailbox if fast transfer mode is not activated .................................. 178
Table 295. Write Password when I2C security session is already open and fast transfer mode is not activated.......... 179
Table 296. Write Password when I2C security session is not open or fast transfer mode activated .................. 180
Table 297. Present Password (whatever status of I2C security session or fast transfer mode) ..................... 181
Table 298. Document revision history ............................................................ 182
ST25DV04K ST25DV16K ST25DV64K
List of tables
DS10925 - Rev 11
page 194/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com