Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLQ015M28R Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLQ015M28R
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015M28R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLQ015M28R Datasheet HTML 4Page - STMicroelectronics STLQ015M28R Datasheet HTML 5Page - STMicroelectronics STLQ015M28R Datasheet HTML 6Page - STMicroelectronics STLQ015M28R Datasheet HTML 7Page - STMicroelectronics STLQ015M28R Datasheet HTML 8Page - STMicroelectronics STLQ015M28R Datasheet HTML 9Page - STMicroelectronics STLQ015M28R Datasheet HTML 10Page - STMicroelectronics STLQ015M28R Datasheet HTML 11Page - STMicroelectronics STLQ015M28R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
6
Typical performance characteristics
Figure 4. Output voltage vs. temperature
-1.00%
-0.80%
-0.60%
-0.40%
-0.20%
0.00%
0.20%
0.40%
0.60%
0.80%
1.00%
-40
-20
0
20
40
60
80
100 120 140
Te mpe rature [°C]
I
OUT = 1 mA
-1.00%
-0.80%
-0.60%
-0.40%
-0.20%
0.00%
0.20%
0.40%
0.60%
0.80%
1.00%
-40
-20
0
20
40
60
80
100 120 140
Te mpe rature [°C]
I
OUT = 1 mA
AMG140720161100M
Figure 5. Output voltage vs. input voltage (VOUT = 0.8 V)
AMG140720161101M
0.0
0.2
0.4
0.6
0.8
1.0
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
V
IN [V]
T= -40°C
T= +25°C
T= 125°C
I
OUT = 150 mA, VOUT = 0.8 V
0.0
0.2
0.4
0.6
0.8
1.0
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
V
IN [V]
T= -40°C
T= +25°C
T= 125°C
I
OUT = 150 mA, VOUT = 0.8 V
Figure 6. Output voltage vs. input voltage (VOUT = 3.3 V)
AMG140720161102M
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
V
IN [V]
T= -40°C
T= +25°C
T= 125°C
I
OUT = 150 mA, VOUT = 3.3 V
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
V
IN [V]
T= -40°C
T= +25°C
T= 125°C
I
OUT = 150 mA, VOUT = 3.3 V
Figure 7. Dropout voltage vs. temperature
AMG140720161103M
0.05
0.10
0.15
0.20
0.25
0.30
-40
-20
0
20
40
60
80
100
120
140
Te mpe rature [°C]
V
O = 1.5 V
V
O = 3.3 V
I
OUT = 1 50 mA
0.05
0.10
0.15
0.20
0.25
0.30
-40
-20
0
20
40
60
80
100
120
140
Te mpe rature [°C]
V
O = 1.5 V
V
O = 3.3 V
I
OUT = 1 50 mA
STLQ015
Typical performance characteristics
DS6765 - Rev 7
page 8/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com