Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLQ015M28R Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLQ015M28R
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015M28R Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLQ015M28R Datasheet HTML 11Page - STMicroelectronics STLQ015M28R Datasheet HTML 12Page - STMicroelectronics STLQ015M28R Datasheet HTML 13Page - STMicroelectronics STLQ015M28R Datasheet HTML 14Page - STMicroelectronics STLQ015M28R Datasheet HTML 15Page - STMicroelectronics STLQ015M28R Datasheet HTML 16Page - STMicroelectronics STLQ015M28R Datasheet HTML 17Page - STMicroelectronics STLQ015M28R Datasheet HTML 18Page - STMicroelectronics STLQ015M28R Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
List of figures
Figure 1.
Device block diagram ............................................................... 2
Figure 2.
Pin configuration (top view) ........................................................... 3
Figure 3.
Typical application circuit ............................................................. 4
Figure 4.
Output voltage vs. temperature ......................................................... 8
Figure 5.
Output voltage vs. input voltage (VOUT = 0.8 V).............................................. 8
Figure 6.
Output voltage vs. input voltage (VOUT = 3.3 V).............................................. 8
Figure 7.
Dropout voltage vs. temperature ........................................................ 8
Figure 8.
Dropout voltage vs. temperature ........................................................ 9
Figure 9.
Quiescent current vs. temperature....................................................... 9
Figure 10.
Supply voltage rejection vs. frequency .................................................... 9
Figure 11.
Supply voltage rejection vs. IOUT ....................................................... 9
Figure 12.
Quiescent current vs. input voltage ...................................................... 9
Figure 13.
Quiescent current vs. output current ..................................................... 9
Figure 14.
Output noise voltage vs. frequency ..................................................... 10
Figure 15.
COUT stability region ............................................................... 10
Figure 16.
Start-up transient ................................................................. 10
Figure 17.
Enable transient .................................................................. 10
Figure 18.
SOT23-5L package outline........................................................... 11
Figure 19.
SOT23-5L recommended footprint ..................................................... 12
Figure 20.
SOT23-5L tape and reel outline ....................................................... 13
STLQ015
List of figures
DS6765 - Rev 7
page 18/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com