Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6621 Datasheet(PDF) 39 Page - EM Microelectronic - MARIN SA

Part # EM6621
Description  Ultra Low Power Microcontroller with 4x20 LCD Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6621 Datasheet(HTML) 39 Page - EM Microelectronic - MARIN SA

Back Button EM6621 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 43Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
EM6621
03/02 REV. D/444
Copyright
 2002, EM Microelectronic-Marin SA
39
www.emmicroelectronic.com
• CPU controlled Start and PA[3] controlled Stop.
In this mode setting the bit RunEn=1 while PA3/uP=0 while immediately start the counting action. Afterwards
one needs to prepare for the stop by PA[3]. Therefore the PA[3] start condition must first be fulfilled. This is in
dT mode a rising edge on the PA3internal signal (PA3internal, refer to Figure 27). In MSC mode the start
condition is a positive pulse on PA3internal signal. The creation of this edge or pulse is done per software by
manipulating the PA3Edge selection. See Figure 29 for details. Afterwards one can change to PA3 controlled
stop mode (PA3/uP=1) where the next positive edge on PA3internal will stop the Counter. In dT mode the
RunEn/stop bit will be cleared with the PA3 stop condition where as in MSC mode MSC mode the RunEn is
not cleared.
• Pulse-width measurement of PA[3] Input Signals.
In this mode the bit dT/MSC=1 and PA3/uP=1. Setting
RunEn/stop=1 enables the operation. The first positive
edge on PA3Internal signal will start the counter, the
following negative edge will stop the counter end set bit
RunEn/Stop to 0 . PA3internal signal is a copy of the PA[3]
terminal
status
if
PA3Edge=1.
with
PA3Edge=0
PA3Internal has the inverted PA[3] value. See also Figure
27 and Figure 30.
• Port A PA[3] controlled Start and Stop Mode.
In this mode the bit dT/MSC=0 and PA3/uP=1. Setting
RunEn/stop=1 enables the operation. The first positive
edge on PA3Internal signal will start the counter , the
second edge will stop the counter, the third one will restart,
etc, . PA3internal signal is a copy of the PA[3] terminal
status if PA3Edge=1. With PA3Edge=0 PA3Internal has
the inverted PA[3] value. See also Figure 27 and Figure 30.
Figure 29. CPU controlled Start PA[3] controlled Stop
C ount i n g
Se t
In i t i a l
V a l ues
St o p
St a r t
PA 3
St a r t
µP
dT / M S C = 1 , S t op on P A [ 3] R i s i ng E dge
CP U W r i t e
PA3 Ed g e
PA3 / u P
R unE n/ S t op
P A 3 In te r n a l
C ount
PA[ 3 ]
Se t
In i t i a l
V a l ues
C ount i n g
St o p
St a r t
PA3
St a r t
µP
dT / M S C = 1 , S t op on P A [ 3] F a l l i ng E d ge
CP U W r i t e
P A 3E dge
P A 3/ uP
R unE n/ S t op
P A 3I nt er nal
C ount
PA [ 3 ]
C ount i n g
Se t
In i t i a l
V a l ues
St o p
St a r t
PA 3
St a r t
µP
dT / M S C = 0 , S t op on P A [ 3] R i s i ng E dge
CP U W r i t e
PA3 Ed g e
PA3 / u P
R unE n/ S t op
P A 3 In te r n a l
C ount
PA[ 3 ]
C ount i n g
Se t
I n it ia l
V a l ues
St o p
St a r t
PA3
St a r t
µP
dT / M S C = 0 , S t op on P A [ 3] F a l l i ng E dge
CP U W r i t e
P A 3E dge
P A 3/ uP
R unE n/ S t op
P A 3I nt er nal
C ount
PA [ 3 ]
Figure 30. dT/MSC behavior
restart
stop
start
stop
start
Counter
RunEn
Counting
Counting
Counting
PA3 internal
Period
m easurem ent
dT/MSC=0,
PA3/up=1
Pulse-width
Measurem ent
dT/MSC, PA3/up=1
Counter
RunEn
PA3 internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com