Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6621 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6621
Description  Ultra Low Power Microcontroller with 4x20 LCD Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6621 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6621 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
EM6621
03/02 REV. D/444
Copyright
 2002, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
EM6621 at a glance
• Power Supply
- Low voltage low power architecture
including internal voltage regulator
- 1.2 ... 3.6 V battery voltage
- 2.6 µA in active
mode (Xtal, LCD on, 25
°C)
- 0.5 µA in standby mode (Xtal, LCD off, 25
°C)
- 0.1 µA in sleep
mode (25
°C)
- 32 KHz Oscillator
• RAM
- 64 x 4 bit, direct addressable
- 64 x 4 bit, indexed addressable
• ROM
- 4k x 16 bit, metal mask programmable
• CPU
- 4-bit RISC architecture
- 2 clock cycles per instruction
- 72 basic instructions
• Main Operating Modes and Resets
- Active mode
(CPU is running)
- Standby mode (CPU in halt)
- Sleep mode
(no clock, reset state)
- Initial reset on power on (POR)
- Watchdog reset (logic and oscillation watchdogs)
- Reset terminal
- Reset with input combination on port A (register
selectable)
• Prescaler
- 15 stage system clock divider down to 1Hz
- 3 Interrupt requests; 1Hz, 32Hz or 8Hz, Blink
- Prescaler reset (4kHz to 1Hz)
• Liquid Crystal Display Driver (LCD)
- 20 Segments 3 or 4 times multiplexed
- Internal or external voltage multiplier
- Free Segment allocation architecture (metal 2 mask)
- LCD switch off for power save
• 8-Bit Serial Interface
- 3 wire (Clock, DataIn , DataOut) master/slave mode
- READY output during data transfer
- Maximum shift clock is equal to the main system clock
- Interrupt request to the CPU after 8 bits data transfer
- Supports different serial formats
- Can be configured as a parallel 4 bit input/output port
- Direct input read on the port terminals
- All outputs can be put tristate (default)
- Selectable pull-downs in input mode
- CMOS or Nch. open drain outputs
- Weak pull-up selectable in Nch. open drain
mode
• 4-Bit Input Port A
- Direct input read on the port terminals
- Debouncer function available on all inputs
- Interrupt request on positive or negative edge
- Pull-up or pull-down or none selectable by register
- Test variables (software) for conditional jumps
- PA[0] and PA[3] are inputs for the event counter
- PA[3] is Start/Stop input for the millisecond counter
- Reset with input combination (register selectable)
• 4-Bit Bi-directional Port B
- All different functions bit-wise selectable
- Direct input read on the port terminals
- Data output latches
- CMOS or Nch. open drain outputs
- Pull-down or pull-up selectable
- Weak pull-up in Nch. open drain mode
- Selectable PWM, 32kHz, 1kHz and 1Hz output
• Melody Generator
- Dedicated Buzzer terminal
- 7 tones plus silence output
- The output can be put tristate (default)
- Internal 4-bit timer, usable also in standalone mode
- 4 different timer input clocks
- Timer with automatic reload or single run
- Timer interrupt request when reaching 0
• Voltage Level Detector (SVLD)
- 8 different levels from 1.2 V to 4.0 V.
- Busy flag during measure
• 10-Bit Universal Counter
- 10, 8, 6 or 4 bit up/down counting
- Parallel load
- Event counting (PA[0] or PA[3])
- 8 different input clocks-
- Full 10 bit or limited (8, 6, 4 bit) compare function
- 2 interrupt requests (on compare and on 0)
- Hi-frequency input on PA[3] and PA[0]
- Pulse width modulation (PWM) output
• Millisecond Counter
- 3 digits binary coded decimal counter (12 bits)
- PA[3] input signal pulse width and period measurement
- Internal 1000 Hz clock generation
- Hardware or software controlled start stop mode
- Interrupt request on either 1/10 Sec or 1Sec
• Interrupt Controller
- 5 external and 8 internal interrupt request sources
- Each interrupt request can individually be masked
- Each interrupt flag can individually be reset
- Automatic reset of each interrupt request after read
- General interrupt request to CPU can be disabled
- Automatic enabling of general interrupt request flag
when going into HALT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com