Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F8962 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F8962
Description  9-Bit latched bidirectional Futurebus transceivers open-collector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F8962 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F8962 Datasheet HTML 2Page - NXP Semiconductors 74F8962 Datasheet HTML 3Page - NXP Semiconductors 74F8962 Datasheet HTML 4Page - NXP Semiconductors 74F8962 Datasheet HTML 5Page - NXP Semiconductors 74F8962 Datasheet HTML 6Page - NXP Semiconductors 74F8962 Datasheet HTML 7Page - NXP Semiconductors 74F8962 Datasheet HTML 8Page - NXP Semiconductors 74F8962 Datasheet HTML 9Page - NXP Semiconductors 74F8962 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors FAST Products
Product specification
74F8962/8963
9-Bit latched bidirectional Futurebus transceivers
(open-collector)
March 11, 1993
7
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
CONDITIONS1
MIN
TYP2
MAX
IOH
High-level output current
B0 – B8
VCC = MAX, VIL = MAX, VIH = MIN, VOH = 2.1V
100
µA
IOFF
Power-off output current
B0 – B8
VCC = 0.0V, VIL = MAX, VIH = MIN, VOH = 2.1V
100
µA
VOH
High-level output voltage
AO0 – AO84
VCC = MAX, VIL = MAX, VIH = MIN, IOH = –3mA
2.5
VCC
V
AO0 – AO84
VCC = MIN,
IOL = 24mA
0.50
V
VOL
Low-level output voltage
B0 – B8
VIL = MAX
IOL = 100mA
0.75
1.0
1.10
V
VIH = MIN
IOL = 4mA
0.40
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
-1.2
V
II
Input current at
maximum input voltage
OEAB, OEBA,
LEAB, LEBA,
AI0 – AI8
VCC = MAX, VI = 7.0V
100
µA
B0 – B8
VCC = MAX, VI = 5.5V
1
mA
IIH
High-level input current
OEAB, OEBA,
LEAB, LEBA,
AI0 – AI8
VCC = MAX, VI = 2.7V
20
µA
B0 – B8
VCC = MAX, VI = 2.1V
100
µA
IIL
Low-level input current
OEAB, OEBA,
LEAB, LEBA,
AI0 – AI8
VCC = MAX, VI = 0.5V
–100
µA
B0 – B8
VCC = MAX, VI = 0.3V
–100
µA
IOZH
Off state output current,
high-level voltage applied
AO0 – AO8
VCC = MAX, VO = 2.7V
50
µA
IOZL
Off state output current,
low-level voltage applied
VCC = MAX, VI = 0.5V
–50
µA
IOS
Short circuit output
AO0 –
AO8
’F8960
74F8962
VCC = MAX, Bn = 1.3V, OEBA = 0.8V,
OEAB = 2.7V
-60
-150
mA
current3
only
74F8963
VCC = MAX, Bn = 1.8V, OEBA = 0.8V,
OEAB = 2.7V
ICCH
VCC = MAX
80
110
mA
ICC
Supply current (total)
ICCL
VCC = MAX, VIL = 0.5V
105
145
mA
ICCZ
80
110
mA
NOTES TO DC ELECTRICAL CHARACTERISTICS
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
4. Due to test equipment limitations, actual test conditions are for VIH = 1.8V and VIL = 1.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com