Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F8962 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F8962
Description  9-Bit latched bidirectional Futurebus transceivers open-collector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F8962 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F8962 Datasheet HTML 1Page - NXP Semiconductors 74F8962 Datasheet HTML 2Page - NXP Semiconductors 74F8962 Datasheet HTML 3Page - NXP Semiconductors 74F8962 Datasheet HTML 4Page - NXP Semiconductors 74F8962 Datasheet HTML 5Page - NXP Semiconductors 74F8962 Datasheet HTML 6Page - NXP Semiconductors 74F8962 Datasheet HTML 7Page - NXP Semiconductors 74F8962 Datasheet HTML 8Page - NXP Semiconductors 74F8962 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips Semiconductors FAST Products
Product specification
74F8962/8963
9-Bit latched bidirectional Futurebus transceivers
(open-collector)
1
March 11, 1993
853–1425 09230
FEATURES
• Octal latched transceiver
• Drives heavily loaded backplanes with
equivalent load impedances down to 10
Ω
• High drive (100mA) open collector drivers
on B port
• Reduced voltage swing (1 volt) produces
less noise and reduces power consumption
• High speed operation enhances
performance of backplane buses and
facilitates incident wave switching
• Compatible with IEEE 896 futurebus
standards
• Built–in precision band–gap reference
provides accurate receiver thresholds and
improved noise immunity
• Multiple GND pins minimize ground bounce
• Glitch–free power up/power down
operation
DESCRIPTION
The 74F8962 and 74F8963 are octal
bidirectional latched transceivers and are
intended to provide the electrical interface to
a high performance wired-OR bus. The B port
inverting drivers are low-capacitance open
collector with controlled ramp and are
designed to sink 100mA from 2 volts. The B
port inverting receivers have a 150mV
threshold region.
The B port interfaces to ‘Backplane
Transceiver Logic’ (BTL). BTL features a
reduced (1V to 2V) voltage swing for lower
power consumption and a series diode on
the drivers to reduce capacitive loading.
Incident wave switching to 9
Ω is guaranteed.
The voltage swing is much less for BTL, so is
its receiver threshold region, therefore noise
margins are excellent.
BTL offers low power consumption, low
ground bounce, EMI and crosstalk, low
capacitive loading, superior noise margin and
low propagation delays. This results in a high
bandwidth, reliable backplane.
The 74F8962 and 74F8963 A ports have TTL
3-state drivers and TTL receivers with a latch
function.
The 74F8963 is the non-inverting version of
74F8962.
TYPE
TYPICAL PROPAGATION DELAY
TYPICAL SUPPLY CURRENT( TOTAL)
74F8962
6.5ns
90mA
74F8963
5.5ns
90mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
44–pin Quad Flat Pack1
N74F8962Y, N74F8963Y
44–pin Plastic Leaded Chip Carrier
N74F8962A, N74F8963A
Note to ordering information
1. Flatpack package is not available at this time.
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
AI0 – AI8
PNP latched inputs
1.0/0.167
20
µA/100µA
B0 – B8
Data inputs with threshold circuitry
5.0/0.167
100
µA/100µA
OEAB, OEBA
Output enable inputs (active low)
1.0/0.033
20
µA/20µA
LEAB, LEBA
Latch enable inputs (active low)
1.0/0.033
20
µA/20µA
AO0 – AO8
3–state outputs
150/40
3mA/24mA
B0 – B8
Open collector outputs
OC/166.7
OC/100mA
Notes to input and output loading and fan out table
1. One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
2. OC = Open collector.


Similar Part No. - 74F8962

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8961 PHILIPS-74F8961 Datasheet
194Kb / 11P
Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
74F8966 PHILIPS-74F8966 Datasheet
119Kb / 11P
9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results

Similar Description - 74F8962

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F777 PHILIPS-74F777 Datasheet
98Kb / 12P
Triple bidirectional latched bus transceiver 3-State open collector
1992 May 19
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
logo
Texas Instruments
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
16-Bit Latched Transceivers
logo
Micrel Semiconductor
SY10H602 MICREL-SY10H602 Datasheet
71Kb / 4P
9-BIT LATCHED
logo
Texas Instruments
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
16-Bit Latched Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com