Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAM65HR51DS2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAM65HR51DS2
Description  H-Bridge in APM16 Series for LLC and Phase-shifted DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65HR51DS2 Datasheet(HTML) 2 Page - ON Semiconductor

  FAM65HR51DS2 Datasheet HTML 1Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 2Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 3Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 4Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 5Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 6Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 7Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 8Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FAM65HR51DS2
www.onsemi.com
2
ORDERING INFORMATION
Part Number
Package
Lead Forming
Snubber
Capacitor Inside
DBC
Material
Pb−Free and
RoHS Compliant
Operating
Temperature (TA)
Packing
Method
FAM65HR51DS2
APM16−CAB
L−Shape
Yes
Al2O3
Yes
−40°C ~ 125°C
Tube
Pin Configuration and Description
Figure 1. Pin Configuration
Table 1. PIN DESCRIPTION
Pin Number
Pin Name
Pin Description
1, 2
AC1
Phase 1 Leg of the H−Bridge
3
Q1 Sense
Source Sense of Q1
4
Q1 Gate
Gate Terminal of Q1
5, 6
B+
Positive Battery Terminal
7, 8
B−
Negative Battery Terminal
9
Q2 Sense
Source Sense of Q2
10
Q2 Gate
Gate Terminal of Q2
11
Q4 Sense
Source Sense of Q4
12
Q4 Gate
Gate Terminal of Q4
13
Q3 Sense
Source Sense of Q3
14
Q3 Gate
Gate Terminal of Q3
15, 16
AC2
Phase 2 Leg of the H−Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com