Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAM65HR51DS2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAM65HR51DS2
Description  H-Bridge in APM16 Series for LLC and Phase-shifted DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65HR51DS2 Datasheet(HTML) 3 Page - ON Semiconductor

  FAM65HR51DS2 Datasheet HTML 1Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 2Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 3Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 4Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 5Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 6Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 7Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 8Page - ON Semiconductor FAM65HR51DS2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FAM65HR51DS2
www.onsemi.com
3
INTERNAL EQUIVALENT CIRCUIT
Figure 2. Internal Block Diagram
Table 2. ABSOLUTE MAXIMUM RATINGS (TJ = 25°C, Unless Otherwise Specified)
Symbol
Parameter
Max
Unit
VDS (Q1~Q4)
Drain−to−Source Voltage
650
V
VGS (Q1~Q4)
Gate−to−Source Voltage
±20
V
ID (Q1~Q4)
Drain Current Continuous (TC = 25°C, VGS = 10 V) (Note 1)
33
A
Drain Current Continuous (TC = 100°C, VGS = 10 V) (Note 1)
21
A
EAS (Q1~Q4)
Single Pulse Avalanche Energy (Note 2)
623
mJ
PD
Power Dissipation (Note 1)
135
W
TJ
Maximum Junction Temperature
−55 to +150
°C
TC
Maximum Case Temperature
−40 to +125
°C
TSTG
Storage Temperature
−40 to +125
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Maximum continuous current and power, without switching losses, to reach TJ = 150°C respectively at TC = 25°C and TC = 100°C; defined
by design based on MOSFET RDS(ON) and RqJC and not subject to production test
2. Starting TJ = 25°C, IAS = 6.5 A, RG = 25 W
Table 3. COMPONENTS
Supplier
Part Number
Parameter
Min
Typ
Max
Unit
Murata (Note 3)
GCJ43QR7LV154KXJ1
Capacitance
135
150
165
nF
VDC Rating
−
630
−
V
3. Please refer to datasheet of the Murata capacitor.
DBC Substrate
0.63 mm Al2O3 alumina with 0.3 mm copper on both sides.
DBC substrate is NOT nickel plated.
Lead Frame
OFC copper alloy, 0.50 mm thick. Plated with 8 um to
25.4 um thick Matte Tin
Flammability Information
All materials present in the power module meet UL
flammability rating class 94V−0.
Compliance to RoHS Directives
The power module is 100% lead free and RoHS compliant
2000/53/C directive.
Solder
Solder used is a lead free SnAgCu alloy.
Solder presents high risk to melt at temperature beyond
210
°C. Base of the leads, at the interface with the package
body, should not be exposed to more than 200
°C during
mounting on the PCB or during welding to prevent the
re−melting of the solder joints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com