Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD10NC60HDT4 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGD10NC60HDT4
Description  600 V - 10 A - very fast IGBT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD10NC60HDT4 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGD10NC60HDT4 Datasheet HTML 4Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 5Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 6Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 7Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 8Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 9Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 10Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 11Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
STGB10NC60HD, STGD10NC60HD, STGF10NC60HD, STGP10NC60HD
8/19
Figure 8.
Normalized gate threshold voltage
vs temperature
Figure 9.
Collector-emitter on voltage vs
collector current
Figure 10.
Normalized breakdown voltage vs
temperature
Figure 11.
Switching losses vs temperature
Figure 12.
Switching losses vs gate resistance Figure 13.
Switching losses vs collector
current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com