Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD10NC60HDT4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGD10NC60HDT4
Description  600 V - 10 A - very fast IGBT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD10NC60HDT4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGD10NC60HDT4 Datasheet HTML 6Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 7Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 8Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 9Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 10Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 11Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 12Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 13Page - STMicroelectronics STGD10NC60HDT4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Test circuit
STGB10NC60HD, STGD10NC60HD, STGF10NC60HD, STGP10NC60HD
10/19
3
Test circuit
Figure 18.
Test circuit for inductive load
switching
Figure 19.
Gate charge test circuit
Figure 20.
Switching waveform
Figure 21.
Diode recovery time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com