Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-F3000000 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HDSP-F3000000
Description  10 mm (0.40 inch) Seven Segment Displays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-F3000000 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HDSP-F3000000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FUNCTION
PIN
E
F
1
E CATHODE NO. 1
E ANODE NO. 1
2
D CATHODE NO. 1
D ANODE NO. 1
3
C CATHODE NO. 1
C ANODE NO. 1
4
DP CATHODE NO. 1
DP ANODE NO. 1
5
E CATHODE NO. 2
E ANODE NO. 2
6
D CATHODE NO. 2
D ANODE NO. 2
7
G CATHODE NO. 2
G ANODE NO. 2
8
C CATHODE NO. 2
C ANODE NO. 2
9
CP CATHODE NO. 2
DP ANODE NO. 2
10
B CATHODE NO. 2
B ANODE NO. 2
11
A CATHODE NO. 2
A ANODE NO. 2
12
F CATHODE NO. 2
F ANODE NO. 2
13
DIGIT NO. 2 ANODE
DIGIT NO. 2 CATHODE
14
DIGIT NO. 1 ANODE
DIGIT NO. 1 CATHODE
15
B CATHODE NO. 1
B ANODE NO. 1
16
A CATHODE NO. 1
A ANODE NO. 1
17
G CATHODE NO. 1
G ANODE NO. 1
18
F CATHODE NO. 1
F ANODE NO. 1
FUNCTION
PIN
A
B
C
D
1
ANODE[1]
CATHODE[2]
ANODE[1]
CATHODE[2]
2
CATHODE f
ANODE f
CATHODE PLUS
ANODE PLUS
3
CATHODE g
ANODE g
CATHODE MINUS
ANODE MINUS
4
CATHODE e
ANODE e
NC
NC
5
CATHODE d
ANODE d
NC
NC
6
ANODE[1]
CATHODE[2]
ANODE[1]
CATHODE[2]
7
CATHODE DP
ANODE DP
CATHODE DP
ANODE DP
8
CATHODE c
ANODE c
CATHODE c
ANODE c
9
CATHODE b
ANODE b
CATHODE b
ANODE b
10
CATHODE a
ANODE a
NC
NC
NOTES:
1. REDUNDANT ANODES
2. REDUNDANT CATHODES
Internal Circuit Diagram
HOLE PATTERN FOR PCB LAYOUT TO ACHIEVE UNIFORM 0.450 IN. DIGIT TO DIGIT PITCH. FOR HDSP-FXXX TO HDSP-GXXX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com