Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-F3000000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HDSP-F3000000
Description  10 mm (0.40 inch) Seven Segment Displays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-F3000000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDSP-F3000000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-F3000000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Description
The 10 mm (0.40 inch) LED
seven segment displays are
Agilent’s most space-efficient
character size. They are designed
for viewing distances up to 4.5
metres (15 feet). These devices
use an industry standard size
package and pinout. The dual
numeric, single numeric, and
± 1.
overflow devices feature a right
hand decimal point. All devices
are available as either common
anode or common cathode.
Typical applications include
instruments, point of sale
terminals, and appliances.
Part Numbering System
5 0 8 2 - xxx x - xxxxx
HDSP - x xx x - x x x xx
Mechanical Options[1]
00: No mechanical option
16: Special dimensional tolerances
Color Bin Options[1,2]
0: No color bin limitation
Maximum Intensity Bin[1,2]
0: No maximum intensity bin limitation
Minimum Intensity Bin[1,2]
0: No minimum intensity bin limitation
Device Configuration/Color[1]
1: Common Anode
3: Common Cathode
Device Specific Configuration[1]
Refer to respective data sheet
Package[1]
F: 10 mm (0.4 inch) Single Digit Seven Segment Display
G: 10 mm (0.4 inch) Dual Digit Seven Segment Display
Notes:
1. For codes not listed in the figure above, please refer to the respective data sheet or contact your nearest Agilent representative
for details.
2. Bin options refer to shippable bins for a part-number. Color and Intensity Bins are typically restricted to 1 bin per tube
(exceptions may apply). Please refer to respective data sheet for specific bin limit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com