Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34D64 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M34D64
Description  64 Kbit Serial I2C Bus EEPROM With Hardware Write Control on Top Quarter of Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34D64 Datasheet(HTML) 1 Page - STMicroelectronics

  M34D64 Datasheet HTML 1Page - STMicroelectronics M34D64 Datasheet HTML 2Page - STMicroelectronics M34D64 Datasheet HTML 3Page - STMicroelectronics M34D64 Datasheet HTML 4Page - STMicroelectronics M34D64 Datasheet HTML 5Page - STMicroelectronics M34D64 Datasheet HTML 6Page - STMicroelectronics M34D64 Datasheet HTML 7Page - STMicroelectronics M34D64 Datasheet HTML 8Page - STMicroelectronics M34D64 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
April 2003
M34D64
64 Kbit Serial I²C Bus EEPROM
With Hardware Write Control on Top Quarter of Memory
FEATURES SUMMARY
s
Two Wire I2C Serial Interface
Supports 400 kHz Protocol
s
Single Supply Voltage:
– 2.5V to 5.5V for M34D64-W
– 1.8V to 5.5V for M34D64-R
s
Hardware Write Control of the top quarter of
memory
s
BYTE and PAGE WRITE (up to 32 Bytes)
s
RANDOM and SEQUENTIAL READ Modes
s
Self-Timed Programming Cycle
s
Automatic Address Incrementing
s
Enhanced ESD/Latch-Up Behavior
s
More than 1M Erase/Write Cycles
s
More than 40 Year Data Retention
Figure 1. Packages
SO8 (MN)
150 mil width
8
1
TSSOP8 (DW)
169 mil width


Similar Part No. - M34D64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34D64-W STMICROELECTRONICS-M34D64-W_08 Datasheet
234Kb / 27P
64 Kbit serial I²C bus EEPROM with hardware write control on top quarter of memory
17-Apr-2008
M34D64WMN6P STMICROELECTRONICS-M34D64WMN6P Datasheet
234Kb / 27P
64 Kbit serial I²C bus EEPROM with hardware write control on top quarter of memory
17-Apr-2008
M34D64WMN6TP STMICROELECTRONICS-M34D64WMN6TP Datasheet
234Kb / 27P
64 Kbit serial I²C bus EEPROM with hardware write control on top quarter of memory
17-Apr-2008
More results

Similar Description - M34D64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C04 STMICROELECTRONICS-ST24C04 Datasheet
125Kb / 16P
4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
ST24C08 STMICROELECTRONICS-ST24C08 Datasheet
125Kb / 16P
8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
M34F04 STMICROELECTRONICS-M34F04 Datasheet
262Kb / 20P
4Kbit Serial I2C Bus EEPROM With Hardware Write Control on Top Half of Memory
2004-Jan-23
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
M34D64-W STMICROELECTRONICS-M34D64-W_08 Datasheet
234Kb / 27P
64 Kbit serial I²C bus EEPROM with hardware write control on top quarter of memory
17-Apr-2008
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
logo
Microchip Technology
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA64 MICROCHIP-24AA64_V01 Datasheet
735Kb / 51P
64-Kbit I2C Serial EEPROM
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com