Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6521 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6521
Description  This board contains the different MFP?셲
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6521 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6521 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EMDB65xx
Copyright © 2005, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
EM MICROELECTRONIC - MARIN SA
6.
MAIN CONNECTIONS
6.1 PROGRAMMING
6.1.1
Pins for MFP programming Box - EM6503/ 04/ 17/ 20/ 21/ 22/ 40
CP1 connector is used for this connection (Figure 1).
CP1 = Connector 2x3 pol male - 2.54 mm
6.1.2
Pins for Elnec programmer (ISP) - EM6580
CP2 connector is used for this connection (Figure 2).
CP2 = Connector 2x5 pol male - 2.54 mm
6.1.3
Pins for Elnec programmer (ISP) - EM6503/ 04/ 17/ 20/ 21/ 22/ 40
CP3 connector is used for this connection (Figure 3).
CP3 = Connector 2x5 pol male - 2.54 mm
6.1.4
Programming interface pinout
Figure 1: CP1 pinout
Figure 2: CP2 pinout
Figure 3: CP3 pinout
6.2 PORTS
All 4b MCU are connected up to 5 Ports connectors : PortA, PortB, PortC, PortD, PortE respectively
PA, PB, PC, PD, PE connectors. Port connectors are available twice on the board. One close to the
user area, one other on the side of the board. Each Port IO bit are available through a basic connector
2.54 mm double row (Figure 4)
1
3
5
2
4
6
VDD RESET
7
9
8
10
N.C.
VSS
VSS
N.C
TEST
SDIO SCLK VREG/VPP
1
3
5
2
4
6
VDD
QIN
QOUT
VREG
GND
TEST
1
3
5
2
4
6
VDD RESET
7
9
8
10
N.C.
VSS
VSS
N.C.
TEST
QIN
QOUT VREG



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com