Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6521 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM6521
Description  This board contains the different MFP?셲
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6521 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

  EM6521 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6521 Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EMDB65xx
Copyright © 2005, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
EM MICROELECTRONIC - MARIN SA
12.
HOW TO PROGRAM WITH ELNEC PROGRAMMER
12.1
HOW TO PROGRAM EM6580
It’s only possible to program the EM6580 by the ELNEC programmer in ISP programming mode.
The connector of the ELNEC ISP cable must be connected into the CP2 connector (Pin 1 to Pin 1),
the S6 switch must be placed in PROGRAM position (1), now it’s possible to program the EM6580.
Caution: Jumper JP13 must be present for programming
Remark: Only one EM6580 can be placed on the programming wires in same time.
12.2
HOW TO PROGRAM THE OTHER EM65XX
To program all EM65xx MCU except the EM6580, the user must use the CP3 connector to connect
the ELNEC ISP cable to the MCU. (pin 1 to Pin 1)
No any other manipulation is needed to start to program the device.
Caution: Jumper JP13 must be present for programming
Remark: Only one EM65xx can be placed on the programming wires in same time.
13.
HOW TO PROGRAM WITH EMPB65XX PROGRAMMER
The EMPB65xx programmer is an internal programming solution using to program all EM65xx MCU version
except the EM6580.
It’s possible to program each device type by using the ISP mode through the CP1 connector.
Caution: Jumper JP13 must be present for programming
Remark: Only one EM65xx can be placed on the programming wires at the same time.
14.
SPECIFICATION HISTORY / HISTORIQUE DE LA SPECIFICATION
Rev.
E.C.N.
Pages
Date
Resp.
Description
1.0
15.01.05
Creation
1.1
16.02.05
Add chapter 8,9,10,11,12, 13
2.0
12.09.05
Add chapter 10.1, New version of PCB v2.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com