Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS4260L Datasheet(PDF) 5 Page - STMicroelectronics

Part # IPS4260L
Description  Quad low-side intelligent power switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS4260L Datasheet(HTML) 5 Page - STMicroelectronics

  IPS4260L Datasheet HTML 1Page - STMicroelectronics IPS4260L Datasheet HTML 2Page - STMicroelectronics IPS4260L Datasheet HTML 3Page - STMicroelectronics IPS4260L Datasheet HTML 4Page - STMicroelectronics IPS4260L Datasheet HTML 5Page - STMicroelectronics IPS4260L Datasheet HTML 6Page - STMicroelectronics IPS4260L Datasheet HTML 7Page - STMicroelectronics IPS4260L Datasheet HTML 8Page - STMicroelectronics IPS4260L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Number
Name Function
Type
15
LOAD3 Power stage, channel 3
Input
16
LOAD2 Power stage, channel 2
Input
17
LOAD1 Power stage, channel 1
Input
2.1
VCC
IC supply voltage. This pin has to be connected to the supply rail of the application.
2.2
PGND, SGND
PGND stands for power ground and it is internally connected to the source of the integrated switches. SGND
stands for signal ground and it is the reference level for the logic interface. SGND and PGND pins must be
shorted on the application board. In order to reduce as much as possible the switching noises from PGND to
SGND, the application board has to be designed with two different ground planes for SGND and PGND. The two
ground planes have to be shorted by a dedicated net.
2.3
VZ
These two pins (corresponding to the cathodes of the clamp diodes) must be shorted together on the application
and connected directly to supply rail or, alternatively, connected by a Zener or TVS diode to supply rail or PGND.
Connecting VZ pins directly to the supply rail implies that the inductive loads are demagnetized without fast decay
option: in fact the VLOADx (voltage on LOADx pin) is forced to the forward voltage of the integrated clamp diodes.
The connection by a Zener or TVS allows to drive loads requiring fast current decay (fast demagnetization). For
the proper selection of the external Zener or TVS, please refer to Section 7.1 Fast current decay with TVS
between VZ and supply rail and Section 7.2 Fast current decay with TVS between VZ and PGND
Note:
Leaving VZ pins floating, the integrated output voltage clamp is activated and the fast current decay capability is
limited by the heatsink capability of the IC. See EAS in Table 2. Absolute maximum ratings.
2.4
IN1, IN2, IN3, IN4
These pins drive the power stage on pins LOAD1, LOAD2, LOAD3 and LOAD4. Besides an internal weak
pull-down resistor (see Iinx in Table 7. Logic inputs), each IN1, IN2, IN3, IN4, is internally wired to an
open drain transistor, used for diagnostic purposes, and must be driven through a series resistor. The open
drain transistor is turned-on in case of thermal shutdown or cut-off protection of the relative channel (see
Section 6.2 Overtemperature and Section 6.3 Current limitation and cut-off ).
2.5
LOAD1, LOAD2, LOAD3, LOAD4
Power stage load connection pins: integrated power transistor are in low-side configuration, so the load has to be
connected between LOADx pin and supply rail. The power stage channels can be paralleled.
2.6
Open load in off-state
OL pin is used for diagnostic purpose and it is internally wired to an open drain transistor. If the open load feature
is enabled (see Section 6.4 Open load in off-state) the open drain transistor is activated when LOADx is in off
state and the open load threshold (VOLoff) is triggered (see Table 8. Protection and diagnostic ).
2.7
FLT
This pin is used for diagnostic purpose and it is internally wired to an open drain transistor. The open drain
transistor is turned on in case of junction thermal shutdown or during the cut-off protection.
IPS4260L
VCC
DS12305 - Rev 5
page 5/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com