Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS4260L Datasheet(PDF) 15 Page - STMicroelectronics

Part # IPS4260L
Description  Quad low-side intelligent power switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS4260L Datasheet(HTML) 15 Page - STMicroelectronics

Back Button IPS4260L Datasheet HTML 11Page - STMicroelectronics IPS4260L Datasheet HTML 12Page - STMicroelectronics IPS4260L Datasheet HTML 13Page - STMicroelectronics IPS4260L Datasheet HTML 14Page - STMicroelectronics IPS4260L Datasheet HTML 15Page - STMicroelectronics IPS4260L Datasheet HTML 16Page - STMicroelectronics IPS4260L Datasheet HTML 17Page - STMicroelectronics IPS4260L Datasheet HTML 18Page - STMicroelectronics IPS4260L Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Figure 10. Open load off-state
LOADX
VCC
PGND
IPU
SUPPLY RAIL
GROUND PLANE
APPLICATION BOARD
IPS4260L
.
.
.
.
.
.
LOAD
RPD
Open load
detection signal
+
-
VOL
-OFF
VCC
VZ
The voltage on LOADx pin (VLOADx) is internally compared with the VOLOFF threshold: if the related INx pin is
LOW and the VLOADX goes lower than VOLOFF then the open load condition is triggered. The fault condition is
reported on the OL pin and the fault reset occurs when load is reconnected. If the channel is switched ON by the
related INx pin, the fault condition is no longer detected.
In OFF state, the IPS4260L achieves the open load detection feature by forcing the internally generated current
IPU (= 20 μA) on the external pull-down resistor RPD. The following design rule has to be followed in order to set
the proper value of RPD:
Equation 3:
RPD<VOLOFFmin
IPU = VCC−4.5
IPU
(3)
Note:
When the load is connected the open load detection threshold must not be triggered:
Equation 4:
VLOADX=VCC * RPD
RPD+ RLOAD >VOLOFF max
(4)
Therefore:
Equation 5:
RPD>RLOAD* VOLOFFmax
VCC−VOLOFFmax
(5)
Note:
if two or more channels are parallelized then RPD must be calculated according to the n*Ipu (e.g. in case of 4
channels in parallel the total Ipu becomes 80uA).
6.5
GND wire break protection
GND wire break is intended as the disconnection event of the application board ground (where both SGND and
PGND signals are connected) from the system ground of the external supply rail (see fig 11 GND wire break,
where the shape between VZ and supply rail represents one of the application configurations: open circuit, short
circuit or an external TVS).
When this event happens, the supply voltage at Vcc pin decreases until Vuvoff is triggered and then all power
stages are turned off independently of the input status.
In case of inductive load, if the ground disconnection event happens while one or more channels are active:
IPS4260L
GND wire break protection
DS12305 - Rev 5
page 15/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com